Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


I048C030T015P1 Datasheet(PDF) 4 Page - Vicor Corporation

Part No. I048C030T015P1
Description  Intermediate Bus Converters Quarter-Brick, 48 Vin Family
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VICOR [Vicor Corporation]
Homepage  http://www.vicorpower.com
Logo 

   
 4 page
background image
Vicor Corporation Tel: 800-735-6200 vicorpower.com
Quarter-Brick Intermediate Bus Converters
Rev. 1.3
Page 4 of 8
Factorized Power
PRELIMINARY
Parameter
Min
Typ
Max
Unit
Notes
Isolation voltage
Complies with basic insulation requirements
Input to output
2,250
Vdc
In/Out to chassis
1,500
Vdc
Isolation resistance
10
MΩ
Input to output
Agency approvals (pending)
cTÜVus
UL/CSA 60950, EN 60950
CE Mark
Low voltage directive
SAFETY SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Operating junction temperature
-40
+125
°C
Storage temperature
-40
+150
°C
Temperature limiting
125
130
135
°C
Junction temperature
Thermal capacity
1 BCM
14.3
Ws/°C
2 BCM
22.8
Ws/°C
Pin soldering temperature
Wave
500 (260)
°F (°C)
<5 sec
Hand
750 (390)
°F (°C)
<7 sec
THERMAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
MTBF
MIL-HDBK-217F
3,600
Khrs
25°C, GB; per BCM
Telcordia TR-NT-000332
4,200
Khrs
per BCM
Weight
3.7 (104)
oz (g)
Dimensions
2.3 x 1.45 x 0.47
in
L x W x H
58,4 x 36,8 x 11,9
mm
L x W x H
GENERAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Voltage (P version)
4.8
5.0
5.2
Vdc
Disable voltage (P version)
2.4
2.5
Vdc
Enable voltage (P version)
2.5
2.6
Vdc
Enable voltage (M version)
1.2
1.5
Vdc
Disable voltage (M version)
1.5
3.5
Vdc
Current limit (P version)
2.4
2.5
2.9
mA
Source only
CONTROL SPECIFICATIONS – PRIMARY CONTROL (PC PIN)




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
D048C010T010M2NDC-DC Converters Quarter Brick 48 Vin Family 1 2 3 4 5 MoreVicor Corporation
PTHXX050YDC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module 1 2 3 4 Artesyn Technologies
PTHXX060YDC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module 1 2 3 4 Artesyn Technologies
GS120120W/175W DC-DC CONVERTERS FAMILY 1 2 3 4 5 MoreSTMicroelectronics
GS70T30070W/100W DC-DC CONVERTERS FAMILY 1 2 3 4 5 MoreSTMicroelectronics
SIL40C24.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated 1 2 3 4 Artesyn Technologies
SAB8288ABus Controller for SAB 8086 Family Processors 1 2 3 4 5 MoreSiemens Semiconductor Group
ISL6744Intermediate Bus PWM Controller 1 2 3 4 5 MoreIntersil Corporation
IDT74CBTLV3244LOW-VOLTAGE OCTAL BUS SWITCH 1 2 3 4 5 Integrated Device Technology
MF0064M-07BTXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl