Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2041DN Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG2041DN
Description  Low-Voltage, Low rON Quad SPST Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2041DN Datasheet(HTML) 9 Page - Vishay Siliconix

  DG2041DN Datasheet HTML 1Page - Vishay Siliconix DG2041DN Datasheet HTML 2Page - Vishay Siliconix DG2041DN Datasheet HTML 3Page - Vishay Siliconix DG2041DN Datasheet HTML 4Page - Vishay Siliconix DG2041DN Datasheet HTML 5Page - Vishay Siliconix DG2041DN Datasheet HTML 6Page - Vishay Siliconix DG2041DN Datasheet HTML 7Page - Vishay Siliconix DG2041DN Datasheet HTML 8Page - Vishay Siliconix DG2041DN Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DG2041/2042/2043
Vishay Siliconix
New Product
Document Number: 72091
S-03008—Rev. A, 20-Jan-03
www.vishay.com
9
TEST CIRCUITS
FIGURE 1. Switching Time
FIGURE 2. Charge Injection
Switch
Input
CL (includes fixture and stray capacitance)
V+
IN
NO or NC
CL
35 pF
COM
Logic
Input
RL
300
W
VOUT
GND
V+
50%
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic “1” = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
Off
On
On
IN
DVOUT
VOUT
Q =
DVOUT x CL
CL = 1 nF
COM
Rgen
VOUT
NC or NO
VIN = 0 - V+
IN
Vgen
GND
V+
V+
Switch Output
V
OUT + VCOM
R
L
R
L ) RON
0.9 x VOUT
tr t 5 ns
tf t 5 ns
IN depends on switch configuration: input polarity
determined by sense of switch.
+
VINH
VINL
FIGURE 3. Off-Isolation
FIGURE 4. Channel Off/On Capacitance
NC or NO
f = 1 MHz
IN
COM
GND
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
10 nF
V+
V+
IN
GND
NC or NO
0V, 2.4 V
10 nF
COM
Off Isolation
+ 20 log
V
COM
V
NO NC
RL
Analyzer
V+
V+


Similar Part No. - DG2041DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2041DN-T1-E4 VISHAY-DG2041DN-T1-E4 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
More results

Similar Description - DG2041DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com