Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2043DQ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2043DQ
Description  Low-Voltage, Low rON Quad SPST Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2043DQ Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2043DQ Datasheet HTML 1Page - Vishay Siliconix DG2043DQ Datasheet HTML 2Page - Vishay Siliconix DG2043DQ Datasheet HTML 3Page - Vishay Siliconix DG2043DQ Datasheet HTML 4Page - Vishay Siliconix DG2043DQ Datasheet HTML 5Page - Vishay Siliconix DG2043DQ Datasheet HTML 6Page - Vishay Siliconix DG2043DQ Datasheet HTML 7Page - Vishay Siliconix DG2043DQ Datasheet HTML 8Page - Vishay Siliconix DG2043DQ Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DG2041/2042/2043
Vishay Siliconix
New Product
Document Number: 72091
S-03008—Rev. A, 20-Jan-03
www.vishay.com
3
ORDERING INFORMATION
Temp Range
Package
Part Number
DG2041DQ
TSSOP-16
DG2042DQ
°
DG2043DQ
-40 to 85
°C
DG2041DN
QFN-16
(4x4 mm)
DG2042DN
(4x4 mm)
DG2043DN
ABSOLUTE MAXIMUM RATINGS
Reference to GND
V+
-0.3 to +6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IN, COM, NC, NOa
-0.3 to (V+ + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current (Any terminal)
"50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current
"200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Pulsed at 1 ms, 10% duty cycle)
Storage Temperature (D Suffix)
-65 to 150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Packages)b
TSSOP-16c
450 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
QFN-16 (4 x 4 mm)d
1880 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on NC, NO, or COM or IN exceeding V+ will be clamped by
internal diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 5.6 mW/
_C above 70_C
d.
Derate 23.5 mW/
_C above 70_C
e.
Manual soldering with soldering iron is not recommended for leadless
components. The QFN is a leadless package. The end of the lead termi-
nal is exposed copper (not plated) as a result of the singulation process
in manufacturing. A solder fillet at the exposed copper lip cannot be
guaranteed and is not required to ensure adequate bottom side solder
interconnection.
SPECIFICATIONS (V+ = 2.0 V)
Test Conditions
Otherwise Unless Specified
Limits
- 40 to 85
_C
Parameter
Symbol
V+ = 2.0 V, VIN = 0.4 or 1.6 Ve
Tempa
Minb
Typc
Maxb
Unit
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
rON
V+ = 2.0 V, VCOM = 0.2 V/1.2 V, INO, INC =
10 mA
Room
Fulld
3.0
6.3
6.3
rON Flatnessd
rON
Flatness
V+ = 2.0 V, VCOM = 0 to V+, INO, INC = 10 mA
Room
4.2
W
rON Match Between Channels
D rON
V+ = 2.0 V, VCOM = 0 to V+, INO, INC = 10 mA
Room
0.4
INO(off),
INC(off)
V+ = 2.2 V
Room
Fulld
-1
-10
1
10
Switch Off Leakage Currentf
ICOM(off)
V+ = 2.2 V
VNO, VNC = 0.2 V/2.0 V, VCOM = 2.0 V/0.2 V
Room
Fulld
-1
-10
1
10
nA
Channel-On Leakage Currentf
ICOM(on)
V+ = 2.2 V, VNO, VNC = VCOM = 0.2 V/2.0 V
Room
Fulld
-1
-10
1
10
Digital Control
Input High Voltage
VINH
Full
1.6
Input Low Voltage
VINL
Full
0.4
V
Input Capacitanced
Cin
Full
4
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
-1
1
mA


Similar Part No. - DG2043DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2043DQ-T1 VISHAY-DG2043DQ-T1 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
DG2043DQ-T1-E3 VISHAY-DG2043DQ-T1-E3 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
More results

Similar Description - DG2043DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com