Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25LC080BSN Datasheet(PDF) 10 Page - Microchip Technology

Part # 25LC080BSN
Description  8K SPI Bus Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC080BSN Datasheet(HTML) 10 Page - Microchip Technology

Back Button 25LC080BSN Datasheet HTML 6Page - Microchip Technology 25LC080BSN Datasheet HTML 7Page - Microchip Technology 25LC080BSN Datasheet HTML 8Page - Microchip Technology 25LC080BSN Datasheet HTML 9Page - Microchip Technology 25LC080BSN Datasheet HTML 10Page - Microchip Technology 25LC080BSN Datasheet HTML 11Page - Microchip Technology 25LC080BSN Datasheet HTML 12Page - Microchip Technology 25LC080BSN Datasheet HTML 13Page - Microchip Technology 25LC080BSN Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
25XX080A/B
DS21808B-page 10
 2003 Microchip Technology Inc.
2.5
Read Status Register Instruction
(RDSR)
The Read Status Register instruction (RDSR) provides
access to the Status Register. The Status Register may
be read at any time, even during a write cycle. The
Status Register is formatted as follows:
TABLE 2-2:
STATUS REGISTER
The Write-In-Process (WIP) bit indicates whether the
25XX080A/B is busy with a write operation. When set
to a ‘1’, a write is in progress, when set to a ‘0’, no write
is in progress. This bit is read-only.
The Write Enable Latch (WEL) bit indicates the status
of the write enable latch and is read only. When set to
a ‘1’, the latch allows writes to the array or the Status
Register, when set to a ‘0’, the latch prohibits writes to
the array or the Status Register. The state of this bit can
always be updated via the WREN or WRDI commands
regardless of the state of write protection on the Status
Register. These commands are shown in Figure 2-4
and Figure 2-5.
The Block Protection (BP0 and BP1) bits indicate
which blocks are currently write-protected. These bits
are set by the user issuing the WRSR instruction, which
is in Figure 2-7. These bits are nonvolatile and are
shown in Table 2-3.
See Figure 2-6 for the RDSR timing sequence.
FIGURE 2-6:
READ STATUS REGISTER TIMING SEQUENCE (RDSR)
7
654
3
2
1
0
W/R
W/R
W/R
R
R
WPEN
X
X
X
BP1
BP0
WEL
WIP
W/R = writable/readable. R = read-only.
SO
SI
CS
9
1011
12131415
11
0
0
0
0
00
765
4
2
1
0
instruction
data from Status Register
high-impedance
SCK
0
234567
1
8
3


Similar Part No. - 25LC080BSN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC080B-E/MS MICROCHIP-25LC080B-E/MS Datasheet
423Kb / 26P
   8K SPI Bus Serial EEPROM
2007
25LC080B-E/P MICROCHIP-25LC080B-E/P Datasheet
423Kb / 26P
   8K SPI Bus Serial EEPROM
2007
25LC080B-E/SN MICROCHIP-25LC080B-E/SN Datasheet
423Kb / 26P
   8K SPI Bus Serial EEPROM
2007
25LC080B-E/ST MICROCHIP-25LC080B-E/ST Datasheet
423Kb / 26P
   8K SPI Bus Serial EEPROM
2007
25LC080B-I/MS MICROCHIP-25LC080B-I/MS Datasheet
423Kb / 26P
   8K SPI Bus Serial EEPROM
2007
More results

Similar Description - 25LC080BSN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25C080T-E MICROCHIP-25C080T-E Datasheet
210Kb / 22P
   8K SPI Bus Serial EEPROM
05/28/04
25AA080C MICROCHIP-25AA080C_12 Datasheet
846Kb / 34P
   8K SPI Bus Serial EEPROM
11/27/12
25AA080C MICROCHIP-25AA080C Datasheet
486Kb / 28P
   8K SPI Bus Serial EEPROM
2009
25LC080P MICROCHIP-25LC080P Datasheet
322Kb / 22P
   8K SPI Bus Serial EEPROM
1997-2012
25AA080A MICROCHIP-25AA080A_07 Datasheet
423Kb / 26P
   8K SPI Bus Serial EEPROM
2007
25LC080SN MICROCHIP-25LC080SN Datasheet
322Kb / 22P
   8K SPI Bus Serial EEPROM
1997-2012
25AA080 MICROCHIP-25AA080_13 Datasheet
322Kb / 22P
   8K SPI Bus Serial EEPROM
10/26/12
25AA080 MICROCHIP-25AA080_04 Datasheet
291Kb / 22P
   8K SPI TM Bus Serial EEPROM
2004
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
   8K/16K 1.8V SPI Bus Serial EEPROM
1996
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
   8K/16K 5.0V SPI Bus Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com