Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25AA080AP Datasheet(PDF) 8 Page - Microchip Technology

Part # 25AA080AP
Description  8K SPI Bus Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA080AP Datasheet(HTML) 8 Page - Microchip Technology

Back Button 25AA080AP Datasheet HTML 4Page - Microchip Technology 25AA080AP Datasheet HTML 5Page - Microchip Technology 25AA080AP Datasheet HTML 6Page - Microchip Technology 25AA080AP Datasheet HTML 7Page - Microchip Technology 25AA080AP Datasheet HTML 8Page - Microchip Technology 25AA080AP Datasheet HTML 9Page - Microchip Technology 25AA080AP Datasheet HTML 10Page - Microchip Technology 25AA080AP Datasheet HTML 11Page - Microchip Technology 25AA080AP Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
25XX080A/B
DS21808B-page 8
 2003 Microchip Technology Inc.
FIGURE 2-2:
BYTE WRITE SEQUENCE
FIGURE 2-3:
PAGE WRITE SEQUENCE
SO
SI
CS
9 1011
21 2223242526 27282930 31
00
0
0
0
0
0
1
15 14 13 12
210
76543210
instruction
16-bit address
data byte
high-impedance
SCK
0
234567
1
8
Twc
SI
CS
9 1011
21222324252627282930 31
00
0
0
0
0
0
1
15 14 13 12
210
765
432
10
instruction
16-bit address
data byte 1
SCK
0
234567
1
8
SI
CS
41 42 43
46 47
76543210
data byte n (16/32 max)
SCK
32
34 35 36 37 38 39
33
40
76543210
data byte 3
76543210
data byte 2
44 45


Similar Part No. - 25AA080AP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA080A-E/MS MICROCHIP-25AA080A-E/MS Datasheet
423Kb / 26P
   8K SPI Bus Serial EEPROM
2007
25AA080A-E/P MICROCHIP-25AA080A-E/P Datasheet
423Kb / 26P
   8K SPI Bus Serial EEPROM
2007
25AA080A-E/SN MICROCHIP-25AA080A-E/SN Datasheet
423Kb / 26P
   8K SPI Bus Serial EEPROM
2007
25AA080A-E/ST MICROCHIP-25AA080A-E/ST Datasheet
423Kb / 26P
   8K SPI Bus Serial EEPROM
2007
25AA080A-I/MS MICROCHIP-25AA080A-I/MS Datasheet
423Kb / 26P
   8K SPI Bus Serial EEPROM
2007
More results

Similar Description - 25AA080AP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25C080T-E MICROCHIP-25C080T-E Datasheet
210Kb / 22P
   8K SPI Bus Serial EEPROM
05/28/04
25AA080C MICROCHIP-25AA080C_12 Datasheet
846Kb / 34P
   8K SPI Bus Serial EEPROM
11/27/12
25AA080C MICROCHIP-25AA080C Datasheet
486Kb / 28P
   8K SPI Bus Serial EEPROM
2009
25LC080P MICROCHIP-25LC080P Datasheet
322Kb / 22P
   8K SPI Bus Serial EEPROM
1997-2012
25AA080A MICROCHIP-25AA080A_07 Datasheet
423Kb / 26P
   8K SPI Bus Serial EEPROM
2007
25LC080SN MICROCHIP-25LC080SN Datasheet
322Kb / 22P
   8K SPI Bus Serial EEPROM
1997-2012
25AA080 MICROCHIP-25AA080_13 Datasheet
322Kb / 22P
   8K SPI Bus Serial EEPROM
10/26/12
25AA080 MICROCHIP-25AA080_04 Datasheet
291Kb / 22P
   8K SPI TM Bus Serial EEPROM
2004
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
   8K/16K 1.8V SPI Bus Serial EEPROM
1996
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
   8K/16K 5.0V SPI Bus Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com