Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL78L12 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL78L12
Description  Three-Terminal Low Current Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL78L12 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL78L12 Datasheet HTML 3Page - Anpec Electronics Coropration APL78L12 Datasheet HTML 4Page - Anpec Electronics Coropration APL78L12 Datasheet HTML 5Page - Anpec Electronics Coropration APL78L12 Datasheet HTML 6Page - Anpec Electronics Coropration APL78L12 Datasheet HTML 7Page - Anpec Electronics Coropration APL78L12 Datasheet HTML 8Page - Anpec Electronics Coropration APL78L12 Datasheet HTML 9Page - Anpec Electronics Coropration APL78L12 Datasheet HTML 10Page - Anpec Electronics Coropration APL78L12 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Oct., 2003
APL78L05/12
www.anpec.com.tw
7
Typical Characteristics
Input
Constant
Current to
Grounded
Load
R
APL78L05
lO
0.33
µF
The APL78L05/12 Series of fixed voltage regulators
are designed with Thermal Overload Protection that
shuts down the circuit when subjected to an exces-
sive power overload condition. Internal Short Circuit
Protection limits the maximum current the circuit will
pass.
In many low current applications, compensation ca-
pacitors are not required. However, it is recom-
mended that the regulator input be bypassed with a
capacitor if the regulator is connected to the power
supply filter with long wire lengths, or if the output
load capacitance is large. The input bypass capaci-
tor should be selected to provide good high-frequency
characteristics to insure stable operation under all
load conditions. A 0.33
µF or larger tantalum, mylar,
or other capacitor having low internal impedance at
high frequencies should be chosen. The bypass ca-
pacitor should be mounted with the shortest possible
leads directly across the regulators input terminals.
Good construction techniques should be used to mini-
mize ground loops and lead resistance drops since
the regulator has no external sense lead. Bypassing
the output is also recommended.
Figure 1. Current Regulator
MC1741
0.33
µF
+20V
0.33
µF
20V
MPSU55
6.5
MPSA70
10K
10K
+VO
-VO
3
2
4
6
7
APL78L15
The APL78L00 regulators can also be used as a cur-
rent source when connected as above. In order to
minimize dissipation the APL78L05 is chosen in this
application. Resistor R determines the current as
follows :
IO =
+ IB
5.0V
R
IB =3.8mA over line and load changes
For example, a 100mA current source would require
R to be a 50
Ω, 1/2W resistor and the output voltage
compliance would be the input voltage less 7V.
Figure 2. ±15V Tracking Voltage Regulator
Figure 3. Positive and Negative Regulator
+VI
0.1
µF
APL78LXX
0.33
µF
APL79LXX
0.33
µF
0.1
µF
+VO
-VO
-VI


Similar Part No. - APL78L12

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL78L12 ANPEC-APL78L12 Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L12DC-PBG ANPEC-APL78L12DC-PBG Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L12DC-TBG ANPEC-APL78L12DC-TBG Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L12DC-TRG ANPEC-APL78L12DC-TRG Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L12EC-PBG ANPEC-APL78L12EC-PBG Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
More results

Similar Description - APL78L12

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC78L08F MCC-MC78L08F Datasheet
894Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_10 Datasheet
207Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08F MCC-MC78L08F_09 Datasheet
159Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC79L05F MCC-MC79L05F Datasheet
82Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC79L06BP MCC-MC79L06BP_11 Datasheet
219Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_11 Datasheet
261Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08BP MCC-MC78L08BP_11 Datasheet
268Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_13 Datasheet
302Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL78L05 ANPEC-APL78L05_11 Datasheet
344Kb / 17P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Micro Commercial Compon...
MC78L05BP MCC-MC78L05BP Datasheet
107Kb / 3P
   Three-Terminal Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com