Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D048C025T015M2N Datasheet(PDF) 5 Page - Vicor Corporation

Part # D048C025T015M2N
Description  DC-DC Converters Quarter Brick, 48 Vin Family
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

D048C025T015M2N Datasheet(HTML) 5 Page - Vicor Corporation

  D048C025T015M2N Datasheet HTML 1Page - Vicor Corporation D048C025T015M2N Datasheet HTML 2Page - Vicor Corporation D048C025T015M2N Datasheet HTML 3Page - Vicor Corporation D048C025T015M2N Datasheet HTML 4Page - Vicor Corporation D048C025T015M2N Datasheet HTML 5Page - Vicor Corporation D048C025T015M2N Datasheet HTML 6Page - Vicor Corporation D048C025T015M2N Datasheet HTML 7Page - Vicor Corporation D048C025T015M2N Datasheet HTML 8Page - Vicor Corporation D048C025T015M2N Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PRELIMINARY
Vicor Corporation
Tel: 800-735-6200
VICBrick DC-DC Converter
Rev. 1.5
Page 5 of 14
vicorpower.com
+
_ 48 V
100
µF
Full
Load
Input reflected
ripple measurement point
1.5
µH
Example filter for low input reflected ripple
Input reflected current at full load and 48 Vin
Peak-to-peak 36 mA
Figure 4—Output turn-on waveform with input turn-on at
full load and 48 Vin
Figure 5— Output voltage turn-on waveform with ON/OFF
enable at full load and 48 Vin.
+
_
Full
Load
P-configuration (positive logic) VICBrick
+In
–In
ON/OFF
+Out
–Out
Figure 6—Test circuit for measuring turn-on times
Figure 3—Typical input reflected ripple, and example input filter design
Specifications, continued


Similar Part No. - D048C025T015M2N

ManufacturerPart #DatasheetDescription
logo
Powerbox
D048C025T010M1N POWERBOX-D048C025T010M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C025T010M2N POWERBOX-D048C025T010M2N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C025T012M1N POWERBOX-D048C025T012M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C025T012M2N POWERBOX-D048C025T012M2N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C025T014M1N POWERBOX-D048C025T014M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
More results

Similar Description - D048C025T015M2N

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
I048C030T015P2 VICOR-I048C030T015P2 Datasheet
312Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ_SERIES MURATA-HPQ_SERIES Datasheet
269Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com