Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS6725 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPS6725
Description  One Watt Darlington Transistors NPN Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6725 Datasheet(HTML) 3 Page - ON Semiconductor

  MPS6725 Datasheet HTML 1Page - ON Semiconductor MPS6725 Datasheet HTML 2Page - ON Semiconductor MPS6725 Datasheet HTML 3Page - ON Semiconductor MPS6725 Datasheet HTML 4Page - ON Semiconductor MPS6725 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MPS6724, MPS6725
http://onsemi.com
3
500
5.0
IC, COLLECTOR CURRENT (mA)
200 k
100 k
70 k
IB, BASE CURRENT (mA)
5.0
50
2.0
1.0
0.5
50 k
20 k
30
10
20
100
200
10 20
0.5 1.0 2.0
1.5
2.5
3.0
0.1 0.2
100
TJ = 125°C
TJ = 25°C
IC =
50 mA
IC =
10 mA
IC =
500 mA
IC =
250 mA
Figure 2. DC Current Gain
Figure 3. Collector Saturation Region
7.0
70
50
300
10 k
7.0 k
5.0 k
2.0 k
30 k
3.0 k
VCE = 5.0 V
−55°C
25°C
500
200
1000
1.0
5.0
0.5
IC, COLLECTOR CURRENT (mA)
2.0
1.0
0.8
0.6
0.2
VR, REVERSE VOLTAGE (VOLTS)
0.04
10
20
7.0
5.0
2.0
2.0
10
500
20
4.0
0.1
40
1.0
3.0
TJ = 25°C
Cobo
Cibo
VCE = 5.0 V
TJ = 25°C
f = 100 MHz
100
500
IC, COLLECTOR CURRENT (mA)
0.6
1.6
1.4
1.2
1.0
0.8
IC, COLLECTOR CURRENT (mA)
−1.0
−2.0
−3.0
−4.0
−5.0
−6.0
200
5.0
10
20
50
TJ = 25°C
100
500
5.0
200
7.0 10
20
50
qVB FOR VBE
VCE(sat) @ IC/IB = 1000
VBE(on) @ VCE = 5.0 V
Figure 4. “ON” Voltages
Figure 5. Temperature Coefficients
Figure 6. High Frequency Current Gain
Figure 7. Capacitance
VBE(sat) @ IC/IB = 1000
7.0
300
30
70
300
30
70
*qVC FOR VCE(sat)
25°C TO 125°C
−55°C TO 25°C
25°C TO 125°C
−55°C TO 25°C
*APPLIES FOR IC/IB ≤ hFE/3.0
0.2
0.4
2.0
4.0
20
10
0.4
50
100 200


Similar Part No. - MPS6725

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS6725 MOTOROLA-MPS6725 Datasheet
233Kb / 6P
   One Watt Darlington Transistors
More results

Similar Description - MPS6725

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSW45 ONSEMI-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors(NPN Silicon)
1996
MPSW45 ONSEMI-MPSW45_06 Datasheet
72Kb / 6P
   One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPSW63 ONSEMI-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors(PNP Silicon)
1996
MPSW63 ONSEMI-MPSW63_06 Datasheet
100Kb / 4P
   One Watt Darlington Transistors PNP Silicon
March, 2006 ??Rev. 3
MPSW13 ONSEMI-MPSW13 Datasheet
57Kb / 4P
   One Watt Darlington Transistor NPN Silicon
February, 2006 ??Rev. 4
logo
Motorola, Inc
MPSW63 MOTOROLA-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors
MPSW45 MOTOROLA-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors
logo
ON Semiconductor
MPSW63G ONSEMI-MPSW63G Datasheet
96Kb / 4P
   One Watt Darlington Transistors
March, 2006 ??Rev. 3
logo
Motorola, Inc
MPS6724 MOTOROLA-MPS6724 Datasheet
233Kb / 6P
   One Watt Darlington Transistors
MPSW13 MOTOROLA-MPSW13 Datasheet
113Kb / 4P
   One Watt Darlington Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com