Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1352B-166AC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1352B-166AC
Description  256K x 18 Pipilined SRAm with NoBL Architecture
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1352B-166AC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1352B-166AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1352B-166AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1352B-166AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1352B-166AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1352B-166AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1352B-166AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1352B-166AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1352B-166AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1352B-166AC Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CY7C1352B
PRELIMINARY
9
Switching Waveforms
CEN
CLK
ADDRESS
CE
WE &
1a
Data-
In/Out
tCYC
tCH tCL
RA1
tAH
tAS
tWS tWH
tCES tCEH
tCO
Q4
= DON’T CARE
= UNDEFINED
The combination of WE & BWS[1:0] defines a write cycle (see Write Cycle Description table).
D5
In
Out
WA2
RA3
RA4
WA5
RA6
RA7
tCLZ
tDOH
1a
tCHZ
CE is the combination of CE1, CE2, and CE3. All chip enables need to be active in order to select
the device. Any chip enable can deselect the device. RAx stands for Read Address X, WAx stands for
Device
originally
deselected
Write Address X, Dx stands for Data-in for location X, Qx stands for Data-out for location X. ADV/LD held LOW.
Q7
Out
tCHZ
tCENS
tCENH
tDOH
BWS[1:0]
Read/Write/Deselect Sequence
CEN HIGH blocks
Q6
Out
all synchronous inputs
tDS
tDH
OE held LOW.
Q1
Out
Q3
Out
D2
In


Similar Part No. - CY7C1352B-166AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352 CYPRESS-CY7C1352 Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-100AC CYPRESS-CY7C1352-100AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-133AC CYPRESS-CY7C1352-133AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-143AC CYPRESS-CY7C1352-143AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-80AC CYPRESS-CY7C1352-80AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1352B-166AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_07 Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
   4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com