Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B352F110T24 Datasheet(PDF) 5 Page - Vicor Corporation

Part # B352F110T24
Description  VI Chip - BCM Bus Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B352F110T24 Datasheet(HTML) 5 Page - Vicor Corporation

  B352F110T24 Datasheet HTML 1Page - Vicor Corporation B352F110T24 Datasheet HTML 2Page - Vicor Corporation B352F110T24 Datasheet HTML 3Page - Vicor Corporation B352F110T24 Datasheet HTML 4Page - Vicor Corporation B352F110T24 Datasheet HTML 5Page - Vicor Corporation B352F110T24 Datasheet HTML 6Page - Vicor Corporation B352F110T24 Datasheet HTML 7Page - Vicor Corporation B352F110T24 Datasheet HTML 8Page - Vicor Corporation B352F110T24 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B352F110T24
Rev. 1.1
Page 5 of 13
V•I Chip Bus Converter Module
PRELIMINARY
Parameter
Min
Typ
Max
Unit
Note
Primary control (PC)
DC voltage
4.8
5.0
5.2
Vdc
Module disable voltage
2.4
2.5
Vdc
Module enable voltage
2.5
2.6
Vdc
Current limit
2.4
2.5
2.9
mA
Source only
Enable delay time
250
ms
Disable delay time
20
µs
See Figure 12, time from PC low to output low
Auxiliary Pins (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
Figure 12— VOUT at full load vs. PC disable
Figure 13— PC signal during fault
Specifications (continued)
Parameter
Min
Typ
Max
Unit
Note
MTBF
MIL-HDBK-217F
2.6
Mhrs
25°C, GB
Isolation specifications
Voltage
4,242
Vdc
Input to Output
Capacitance
500
pF
Input to Output
Resistance
10
Input to Output
Agency approvals (pending)
cTÜVus
UL/CSA 60950, EN 60950
CE Mark
Low Voltage Directive
Mechanical parameters
See mechanical drawing, Figures 15
Weight
0.50 / 14
oz / g
Dimensions
Length
1.26 / 32
in / mm
Width
0.87 / 22
in / mm
Height
0.25 / 6,2
in / mm
General


Similar Part No. - B352F110T24

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B352F110T24 VICOR-B352F110T24 Datasheet
1Mb / 12P
   BCM Bus Converter
B352F110T24 VICOR-B352F110T24 Datasheet
481Kb / 2P
   HV Bus Converter Family
B352F110T24 VICOR-B352F110T24_1 Datasheet
1Mb / 12P
   BCM Bus Converter
B352F110T24 VICOR-B352F110T24_2 Datasheet
481Kb / 2P
   HV Bus Converter Family
More results

Similar Description - B352F110T24

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048K120T20 VICOR-B048K120T20 Datasheet
475Kb / 16P
   VI Chip - BCM Bus Converter Module
B048K480T30 VICOR-B048K480T30 Datasheet
583Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K120T10 VICOR-B048K120T10 Datasheet
725Kb / 16P
   VI Chip - BCM Bus Converter Module
B048K120T30 VICOR-B048K120T30 Datasheet
571Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K160T24 VICOR-B048K160T24 Datasheet
578Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K030T21 VICOR-B048K030T21 Datasheet
565Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K120T15 VICOR-B048K120T15 Datasheet
519Kb / 16P
   VI Chip - BCM Bus Converter Module
B048K096T24 VICOR-B048K096T24 Datasheet
568Kb / 15P
   VI ChipTM - BCM Bus Converter Module
B048K060T24 VICOR-B048K060T24 Datasheet
566Kb / 15P
   VI Chip - BCM Mus Converter Module
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com