Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B048F120M20 Datasheet(PDF) 1 Page - Vicor Corporation

Part # B048F120M20
Description  VI Chip - BCM Bus Converter Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F120M20 Datasheet(HTML) 1 Page - Vicor Corporation

  B048F120M20 Datasheet HTML 1Page - Vicor Corporation B048F120M20 Datasheet HTML 2Page - Vicor Corporation B048F120M20 Datasheet HTML 3Page - Vicor Corporation B048F120M20 Datasheet HTML 4Page - Vicor Corporation B048F120M20 Datasheet HTML 5Page - Vicor Corporation B048F120M20 Datasheet HTML 6Page - Vicor Corporation B048F120M20 Datasheet HTML 7Page - Vicor Corporation B048F120M20 Datasheet HTML 8Page - Vicor Corporation B048F120M20 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Vicor Corporation
Tel: 800-735-6200
V•I Chip Bus Converter
B048K120T20
Rev. 2.2
Page 1 of 16
vicorpower.com
45
45
Product Description
The V•I Chip Bus Converter Module
(BCM) is a high efficiency (>96%),
narrow input range Voltage
Transformation Module (VTM) operating
from a 48 Vdc bus to deliver an isolated
12 V secondary for Intermediate Bus
Architecture applications. The BCM may
be used to power non-isolated POL
converters or as an independent 12 V
source. Due to the fast response time and
low noise of the BCM, the need for
limited life aluminum electrolytic or
tantalum capacitors at the input of POL
converters is reduced—or eliminated—
resulting in savings of board area,
materials and total system cost.
The BCM achieves a power density of
800 W/in
3 and may be surface mounted
with a profile as low as 0.16" (4mm) over
the PCB. Its V•I Chip power package is
compatible with on-board or in-board
surface mounting. The V•I Chip package
provides flexible thermal management
through its low Junction-to-Case and
Junction-to-BGA thermal resistance.
Owing to its high conversion efficiency
and safe operating temperature range, the
BCM does not require a discrete heat sink
in typical applications. It is also
compatible with heat sink options,
assuring low junction temperatures and
long life in the harshest environments.
Absolute Maximum Ratings
Parameter
Values
Unit
Notes
+In to -In
-1.0 to 60.0
Vdc
+In to -In
100
Vdc
For 100 ms
PC to -In
-0.3 to 7.0
Vdc
TM to -In
-0.3 to 7.0
Vdc
+Out to -Out
-0.5 to 15.0
Vdc
Isolation voltage
2250
Vdc
Input to Output
Operating junction temperature
-40 to 125
°C
T grade; See note 2
Output current
17.0
A
Continuous
Peak output current
25
A
For 1 ms
Case temperature during reflow
208
°C
Storage temperature
-40 to 150
°C
Output power
200
W
Continuous
Peak output power
300
W
For 1 ms
Thermal Resistance
Symbol
Parameter
Typ
Max
Units
R
θJC
Junction-to-case
1.1
1.5
°C/W
R
θJB
Junction-to-BGA
2.1
2.5
°C/W
R
θJA
Junction-to-ambient 3
6.5
7.2
°C/W
R
θJA
Junction-to-ambient 4
5.0
5.5
°C/W
• 48 V to 12 V V•I Chip Converter
• 200 Watt (300 Watt for 1 ms)
•High density – up to 800 W/in3
•Small footprint – 200 W/in2
• Low weight – 0.5 oz (14 g)
• ZVS/ZCS isolated sine
amplitude converter
• >96% efficiency
• 125°C operation
•1 µs transient response
• >3.5 million hours MTBF
• No output filtering required
• BGA or J-Lead packages
B048K120T20
1
+
V•I
K
+
Vin = 42 - 53 V
Vout = 10.5 - 13.25 V
Iout = 17.0 A
K = 1/4
Rout = 25 m
Ω max
Notes
1. For complete product matrix see chart on page 10.
2. The referenced junction is defined as the semiconductor having the highest temperature. This
temperature is monitored by the temperature monitor (TM) signal and by a shutdown comparator.
3. B048K120T20 surface mounted in-board to a 2" x 2" FR4 board, 4 layers 2 oz Cu, 300 LFM.
4. B048L120T20 (0.25"H optional Pin Fins) surface mounted on FR4 board, 300 LFM.
Actual size
©
V•I ChipTM – BCM
Bus Converter Module


Similar Part No. - B048F120M20

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F120M30 VICOR-B048F120M30 Datasheet
571Kb / 15P
   VI Chip - BCM Bus Converter Module
B048F120M30 VICOR-B048F120M30 Datasheet
1Mb / 12P
   BCM Bus Converter
More results

Similar Description - B048F120M20

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B352F110T24 VICOR-B352F110T24 Datasheet
394Kb / 13P
   VI Chip - BCM Bus Converter Module
B048K480T30 VICOR-B048K480T30 Datasheet
583Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K120T10 VICOR-B048K120T10 Datasheet
725Kb / 16P
   VI Chip - BCM Bus Converter Module
B048K120T30 VICOR-B048K120T30 Datasheet
571Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K160T24 VICOR-B048K160T24 Datasheet
578Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K030T21 VICOR-B048K030T21 Datasheet
565Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K120T15 VICOR-B048K120T15 Datasheet
519Kb / 16P
   VI Chip - BCM Bus Converter Module
B048K096T24 VICOR-B048K096T24 Datasheet
568Kb / 15P
   VI ChipTM - BCM Bus Converter Module
B048K060T24 VICOR-B048K060T24 Datasheet
566Kb / 15P
   VI Chip - BCM Mus Converter Module
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com