Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B048L120T10 Datasheet(PDF) 11 Page - Vicor Corporation

Part # B048L120T10
Description  VI Chip - BCM Bus Converter Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048L120T10 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button B048L120T10 Datasheet HTML 7Page - Vicor Corporation B048L120T10 Datasheet HTML 8Page - Vicor Corporation B048L120T10 Datasheet HTML 9Page - Vicor Corporation B048L120T10 Datasheet HTML 10Page - Vicor Corporation B048L120T10 Datasheet HTML 11Page - Vicor Corporation B048L120T10 Datasheet HTML 12Page - Vicor Corporation B048L120T10 Datasheet HTML 13Page - Vicor Corporation B048L120T10 Datasheet HTML 14Page - Vicor Corporation B048L120T10 Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Vicor Corporation
Tel: 800-735-6200
V•I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 11 of 16
vicorpower.com
45
45
PRELIMINARY
Configuration Options (Cont.)
with 0.25'' Pin Fins
(V•I Chip recessed into PCB)
IN–BOARD MOUNT
11.7
0.46
21.5
0.85
32.0
1.26
Figure 22— In-board with pin fins – package L
ON–BOARD MOUNT
with 0.25'' Pin Fins
22.0
0.87
32.0
1.26
14.0
0.56
Figure 23— On-board with pin fins – package G
mm
in
mm
in
Figure 24—BCM test circuit
F1
+In
PC
SG
TM
–In
Temperature Monitor
+Out
–Out
Load
+
1
µF
ceramic
C3
7 A
Fuse
C1
8
µF
ceramic
BCM
R2
2K
D1
Notes:
Source inductance should be no more than 200 nH. If source inductance is
greater than 200 nH, additional bypass capacitance is required.
C3 should be placed close to the load.
D1 power good indicator will dim when a module fault is detected.
TM should always be referenced to SG.
SW1
Enable/Disable Switch
+
0.1
Input reflected ripple
measurement point
R3
R1
C2
0.47
µF
0.30
ceramic
Parallel Operation
The BCM will inherently current share when properly
configured in an array of BCMs. Arrays may be used for
higher power or redundancy in an application.
Current sharing accuracy is maximized when the source and
load impedance presented to each BCM within an array are equal.
The recommended method to achieve matched impedances is to
dedicate common copper planes within the PCB to deliver and
return the current to the array, rather than rely upon traces of
varying lengths. In typical applications the current being
delivered to the load is larger than that sourced from the input,
allowing traces to be utilized on the input side if necessary. The
use of dedicated power planes is, however, preferable.
The BCM power train and control architecture allow
bi-directional power transfer, including reverse power
processing from the BCM output to its input. Reverse power
transfer is enabled if the BCM input is within its operating
range and the BCM is otherwise enabled. The BCM’s ability to
process power in reverse improves the BCM transient response
to an output load dump.
Application Note


Similar Part No. - B048L120T10

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048L120T15 VICOR-B048L120T15 Datasheet
519Kb / 16P
   VI Chip - BCM Bus Converter Module
More results

Similar Description - B048L120T10

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048K120T20 VICOR-B048K120T20 Datasheet
475Kb / 16P
   VI Chip - BCM Bus Converter Module
B352F110T24 VICOR-B352F110T24 Datasheet
394Kb / 13P
   VI Chip - BCM Bus Converter Module
B048K480T30 VICOR-B048K480T30 Datasheet
583Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K120T30 VICOR-B048K120T30 Datasheet
571Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K160T24 VICOR-B048K160T24 Datasheet
578Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K030T21 VICOR-B048K030T21 Datasheet
565Kb / 15P
   VI Chip - BCM Bus Converter Module
B048K120T15 VICOR-B048K120T15 Datasheet
519Kb / 16P
   VI Chip - BCM Bus Converter Module
B048K096T24 VICOR-B048K096T24 Datasheet
568Kb / 15P
   VI ChipTM - BCM Bus Converter Module
B048K060T24 VICOR-B048K060T24 Datasheet
566Kb / 15P
   VI Chip - BCM Mus Converter Module
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com