Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23969-01 Datasheet(PDF) 1 Page - Vicor Corporation

Part # 23969-01
Description  Basket Chokes - Surface Mount Inductors for Power applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

23969-01 Datasheet(HTML) 1 Page - Vicor Corporation

  23969-01 Datasheet HTML 1Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
Basket Chokes
Rev. 1.0
Page 1 of 1
Set your site on VICOR at www.vicorpower.com
Basket Chokes
Surface Mount Inductors for Power Applications
45
Rated
DC Resistance
Part
-------Inductance (uH +/- 20%)--------
DC Current
m Ohm
m Ohm
Number
I = 0
1/2 (I max)
I max
(Amps)
Typ.
Max.
23969-01
332.10
167.38
117.56
0.33
220.70
260.43
23969-02
243.09
122.52
86.05
3.90
132.50
156.35
23969-03
133.71
67.14
47.16
5.26
68.84
81.23
23969-04
79.38
40.01
28.10
6.82
40.97
48.34
23969-05
47.40
23.89
16.78
8.82
24.90
29.38
23969-06
29.89
15.06
10.58
11.11
13.67
16.13
23969-07
19.84
10.00
7.02
13.64
9.33
11.01
23969-08
13.28
6.70
4.70
16.67
6.41
7.56
23969-09
8.04
4.05
2.84
21.43
3.90
4.49
23969-10
5.90
2.98
2.09
25.00
2.81
3.23
23969-11
4.10
2.07
1.45
30.00
1.75
2.01
23969-12
2.62
1.32
0.93
37.50
1.24
1.43
23969-13
1.48
0.74
0.52
50.00
0.71
0.82
23969-14
1.03
0.52
0.36
60.00
0.50
0.58
23969-15
0.66
0.33
0.23
75.00
0.36
0.419
23969-16
0.37
0.19
0.13
100.00
0.22
0.23
Inductance Values at 20°C
Inductance vs. Current
0%
20%
40%
60%
80%
100%
0%
8%
16% 25% 33% 42% 50% 58% 67% 75% 83% 92% 100%
Rated Current
A
0.800
±0.010
0.385
±0.005
0.226
±0.005
0.010 A
0.594
±0.003
0.103
Side View
End View
Bottom View
9.779
±0.127
5.740
±0.127
8.458
±0.203
0.333
±0.008
20.32
±0.254
15.088
±0.076
2.616
0.072
±0.002
0.594
±0.002
0.265
±0.002
0.072
±0.002
BASKET CHOKE OUTLINE
1.829
±0.0051
15.088
±0.051
6.731
±0.051
1.829
±0.051
Mechanical Outline
Recommended solder 0.08''(2mm) thick 63/37 solder paste
PCB Outline
Actual size:
0.8 x 0.385 x 0.333 in
20,32 x 9,779 x 8,458 mm
inches
millimeters


Similar Part No. - 23969-01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
23969041 TOSHIBA-23969041 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
23969041 TOSHIBA-23969041 Datasheet
2Mb / 44P
   COLOR TELEVISION
Jun. 2002
23969041 TOSHIBA-23969041 Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
23969041 TOSHIBA-23969041 Datasheet
9Mb / 109P
   COLOR TELEVISION N2PS Chassis
Jun. 2002
23969797 TOSHIBA-23969797 Datasheet
3Mb / 28P
   Plasma Monitor
2005
More results

Similar Description - 23969-01

ManufacturerPart #DatasheetDescription
logo
RFE international
IC0603 RFE-IC0603 Datasheet
117Kb / 1P
   SURFACE MOUNT INDUCTORS IC Series: Power Chokes
logo
API Delevan
PTHF10-50SM API-PTHF10-50SM Datasheet
2Mb / 2P
   Surface Mount Toroidal Power Chokes
logo
PREMO CORPORATION S.L
HPC-001 PREMO-HPC-001 Datasheet
106Kb / 1P
   High power planar chokes for HV applications
HPC PREMO-HPC_14 Datasheet
81Kb / 2P
   High Power Planar Chokes for HV Applications
logo
Micro Commercial Compon...
SK32AFL MCC-SK32AFL Datasheet
521Kb / 4P
   For Surface Mount Applications
logo
DIOTEC Electronics Corp...
SOD4001 DEC-SOD4001 Datasheet
751Kb / 2P
   For surface mount applications
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com