Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL4009-2PF84I Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QL4009-2PF84I
Description  9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4009-2PF84I Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QL4009-2PF84I Datasheet HTML 1Page - List of Unclassifed Manufacturers QL4009-2PF84I Datasheet HTML 2Page - List of Unclassifed Manufacturers QL4009-2PF84I Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4009-2PF84I Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4009-2PF84I Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4009-2PF84I Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4009-2PF84I Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4009-2PF84I Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4009-2PF84I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
www.quicklogic.com
© 2002 QuickLogic Corporation
QL4009 QuickRAM Data Sheet Rev B
Architecture Overview
The QuickRAMTM family of ESPs (Embedded Standard Products) offers FPGA logic in
combination with Dual-Port SRAM modules. The QL4009 is a 9,000 usable PLD gate
member of the QuickRAM family of ESPs. QuickRAM ESPs are fabricated on a 0.35
µm
four-layer metal process using QuickLogic's patented ViaLinkTM technology to provide a
unique combination of high performance, high density, low cost, and extreme ease-of-use.
The QL4009 contains 160 logic cells and 8 Dual Port RAM modules (see Figure 1). Each
RAM module has 1,152 RAM bits, for a total of 9,216 bits. RAM Modules are Dual Port
(one read port, one write port) and can be configured into one of four modes: 64 (deep) x18
(wide), 128x9, 256x4, or 512x2 (see Figure 4). With a maximum of 82 I/Os, the QL4009
is available in 68-pin PLCC, 84-pin PLCC and 100-pin TQFP packages.
Designers can cascade multiple RAM modules to increase the depth or width allowed in
single modules by connecting corresponding address lines together and dividing the words
between modules (see Figure 2). This approach allows up to 512-deep configurations as
large as 16 bits wide in the smallest QuickRAM device and 44 bits wide in the largest device.
Software support for the complete QuickRAM family, including the QL4009, is available
through two basic packages. The turnkey QuickWorksTM package provides the most
complete ESP software solution from design entry to logic synthesis, to place and route, to
simulation. The QuickToolsTM packages provides a solution for designers who use Cadence,
Exemplar, Mentor, Synopsys, Synplicity, Viewlogic, Aldec, or other third-party tools for
design entry, synthesis, or simulation.
The QuickLogic variable grain logic cell features up to 16 simultaneous inputs and 5 outputs
within a cell that can be fragmented into 5 independent cells. Each cell has a fan-in of 29
including register and control lines (see Figure 3).
Figure 2: QuickRAM Module Bits
RDATA
WDATA
RADDR
RDATA
WADDR
WDATA
RAM
Module
(1,152 bits)
RAM
Module
(1,152 bits)


Similar Part No. - QL4009-2PF84I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100C ETC-QL4016-0CF100C Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100I ETC-QL4016-0CF100I Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100M ETC-QL4016-0CF100M Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100M ETC1-QL4016-0CF100M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4009-2PF84I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com