Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL4009-4PF100C Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QL4009-4PF100C
Description  9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4009-4PF100C Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button QL4009-4PF100C Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 9Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 10Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
7
QL4009 QuickRAM Data Sheet Rev B
Table 7: I/O Cell Input Delays
Symbol
Parameter
Propagation Delays (ns)
Fanout
a
a. Stated timing for worst case Propagation Delay over process variation at V
CC = 3.3 V and
TA = 25° C. Multiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature
settings as specified in the Operating Range.
1
2
3
4
8
10
tI/O
Input Delay (bidirectional pad)
1.3
1.6
1.8
2.1
3.1
3.6
t
ISU
Input Register Set-Up Time
3.1
3.1
3.1
3.1
3.1
3.1
t
IH
Input Register Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
tIOCLK
Input Register Clock to Q
0.7
1.0
1.2
1.5
2.5
3.0
t
IORST
Input Register Reset Delay
0.6
0.9
1.1
1.4
2.4
2.9
t
IESU
Input Register Clock Enable Set-Up Time
2.3
2.3
2.3
2.3
2.3
2.3
tIEH
Input Register Clock Enable Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
Table 8: I/O Cell Output Delays
Symbol
Parameter
Propagation Delays (ns)
Output Load Capacitance (pF)
3
50
75
100
150
t
OUTLH
Output Delay Low to High
2.1
2.5
3.1
3.6
4.7
t
OUTHL
Output Delay High to Low
2.2
2.6
3.2
3.7
4.8
tPZH
Output Delay Tri-state to High
1.2
1.7
2.2
2.8
3.9
t
PZL
Output Delay Tri-state to Low
1.6
2.0
2.6
3.1
4.2
t
PHZ
Output Delay High to Tri-statea
a. The following loads are used for t
PXZ
2.0
-
-
-
-
tPLZ
Output Delay High to Tri-statea
1.2
-
-
-
-
1ΚΩ
1ΚΩ
tPHZ
tPLZ
5 pF
5 pF


Similar Part No. - QL4009-4PF100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100C ETC-QL4016-0CF100C Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100I ETC-QL4016-0CF100I Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100M ETC-QL4016-0CF100M Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100M ETC1-QL4016-0CF100M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4009-4PF100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com