Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL4009-4PF100C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QL4009-4PF100C
Description  9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4009-4PF100C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QL4009-4PF100C Datasheet HTML 1Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 2Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4009-4PF100C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
3
QL4009 QuickRAM Data Sheet Rev B
Product Summary
Total of 82 I/O Pins
74 bi-directional input/output pins, PCI-compliant for 5.0 V and 3.3 V buses for
-1/-2/-3/-4 speed grades
8 high-drive input/distributed network pins
Eight Low-Skew Distributed Networks
Two array clock/control networks available to the logic cell flip-flop clock, set and reset
inputs - each driven by an input-only pin
Six global clock/control networks available to the logic cell F1, clock, set and reset inputs
and the input and I/O register clock, reset and enable inputs as well as the output enable
control - each driven by an input-only or I/O pin, or any logic cell output or I/O cell
feedback
High Performance Silicon
Input + logic cell + output total delays under 6 ns
Data path speeds over 400 MHz
Counter speeds over 300 MHz
FIFO speeds over 160+ MHz


Similar Part No. - QL4009-4PF100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100C ETC-QL4016-0CF100C Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100I ETC-QL4016-0CF100I Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100M ETC-QL4016-0CF100M Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0CF100M ETC1-QL4016-0CF100M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4009-4PF100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com