Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV25616-15LQI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61LV25616-15LQI
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV25616-15LQI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61LV25616-15LQI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV25616-15LQI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV25616-15LQI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV25616-15LQI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV25616-15LQI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV25616-15LQI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV25616-15LQI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV25616-15LQI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV25616-15LQI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. B
09/29/00
IS61LV25616
ISSI®
CAPACITANCE(1)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Input/Output Capacitance
VOUT = 0V
8
pF
Note:
1. Tested initially and after any design or process changes that may affect these parameters.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-7, -8
-10
-12
-15
Symbol
Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating
VCC = Max.,
Com.
260
260
240
220
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
300
300
280
250
ISB
TTL Standby Current
VCC = Max.,
Com.
85
85
75
65
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
95
95
85
75
CE
≥ VIH, f = fMAX.
ISB1
TTL Standby Current
VCC = Max.,
Com.
20
20
20
20
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
25
25
25
25
CE
≥ VIH, f = 0
ISB2
CMOS Standby
VCC = Max.,
Com.
10
10
10
10
mA
Current (CMOS Inputs)
CE
≥ VCC – 0.2V,
Ind.
15
15
15
15
VIN
≥ VCC – 0.2V, or
VIN
≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
Shaded area product in development
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCC + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VCC
Com.
–11
µA
Ind.
–55
ILO
Output Leakage
GND
≤ VOUT ≤ VCC, 4
Com.
–11
µA
Outputs Disabled
Ind.
–55
Notes:
1. VIL (min.) = –2.0V for pulse width less than 10 ns.


Similar Part No. - IS61LV25616-15LQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616-15LQI ISSI-IS61LV25616-15LQI Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV25616-15LQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com