Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSPC860XRVZQU66D Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TSPC860XRVZQU66D
Description  Integrated Communication Processor
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSPC860XRVZQU66D Datasheet(HTML) 1 Page - ATMEL Corporation

  TSPC860XRVZQU66D Datasheet HTML 1Page - ATMEL Corporation TSPC860XRVZQU66D Datasheet HTML 2Page - ATMEL Corporation TSPC860XRVZQU66D Datasheet HTML 3Page - ATMEL Corporation TSPC860XRVZQU66D Datasheet HTML 4Page - ATMEL Corporation TSPC860XRVZQU66D Datasheet HTML 5Page - ATMEL Corporation TSPC860XRVZQU66D Datasheet HTML 6Page - ATMEL Corporation TSPC860XRVZQU66D Datasheet HTML 7Page - ATMEL Corporation TSPC860XRVZQU66D Datasheet HTML 8Page - ATMEL Corporation TSPC860XRVZQU66D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
2129B–HIREL–12/04
Features
PowerPC® Single Issue Integer Core
Precise Exception Model
Extensive System Development Support
– On-chip Watchpoints and Breakpoints
– Program Flow Tracking
– On-chip Emulation (Once) Development Interface
High Performance (Dhrystone 2.1: 52 MIPS at 50 MHz, 3.3V, 1.3 Watts Total Power)
Low Power (< 241 mW at 25 MHz, 2.4V Internal, 3.3V I/O-core, Caches, MMUs, I/O)
MPC8XX PowerPC System Interface, Including a Periodic Interrupt Timer, a Bus
Monitor, and Real-time Clocks
Single Issue, 32-bit Version of the Embedded PowerPC Core (Fully Compatible with
Book 1 of the PowerPC Architecture Definition) with 32 × 32-bit Fixed Point Registers
– Embedded PowerPC Performs Branch Folding, Branch Prediction with
Conditional Prefetch, without Conditional Execution
– 4-Kbyte Data Cache and 4-Kbyte Instruction Cache, Each with an MMU
– Instruction and Data Caches are Two-way, Set Associative, Physical Address,
4 Word Line Burst, Least Recently Used (LRU) Replacement, Lockable On-line
Granularity
– MMUs with 32 Entry TLB, Fully Associative Instruction and Data TLBs
– MMUs Support Multiple Page Sizes of 4 KB, 16 KB, 256 KB, 512 KB and 8 MB;
16 Virtual Address Spaces and 8 Protection Groups
– Advanced On-chip Emulation Debug Mode
Up to 32-bit Data Bus (Dynamic Bus Sizing for 8- and 16-bit)
32 Address Lines
Fully Static Design
VCC = +3.3V ± 5%
fmax = 66 MHz
Military Temperature Range: -55°C < TC < +125°C
PD = 0.75 W Typical at 66 MHz
Description
The TSPC860 PowerPC QUad Integrated Communication Controller (Power QUICC
®)
is a versatile one-chip integrated microprocessor and peripheral combination that can
be used in a variety of controller applications. It particularly excels in communications
and networking systems. The Power QUICC (pronounced “quick”) can be described
as a PowerPC-based derivative of the TS68EN360 (QUICC
).
The CPU on the TSPC860 is a 32-bit PowerPC implementation that incorporates
memory management units (MMUs) and instruction and data caches. The communi-
cations processor module (CPM) of the TS68EN360 QUICC has been enhanced with
the addition of a Two-wire Interface (TWI) compatible with protocols such as I2C. Mod-
erate to high digital signal processing (DSP) functionality has been added to the CPM.
The memory controller has been enhanced, enabling the TSPC860 to support any
type of memory, including high performance memories and newer dynamic random
access memories (DRAMs). Overall system functionality is completed with the addi-
tion of a PCMCIA socket controller supporting up to two sockets and a real-time clock.
PBGA 357
ZQ suffix
Integrated
Communication
Processor
TSPC860
Preliminary
Specification
β-site
Rev. 2129B–HIREL–12/04


Similar Part No. - TSPC860XRVZQU66D

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSPC TRACOPOWER-TSPC Datasheet
715Kb / 9P
   Industrial Power Supplies TSPC Series, 50–480 Watt
Rev. February 28, 2023
logo
Greystone Energy System...
TSPC GREYSTONE-TSPC Datasheet
179Kb / 2P
   ROOM TEMPERATURE SENSOR
logo
TRACO Electronic AG
TSPC-080 TRACOPOWER-TSPC-080 Datasheet
381Kb / 1P
   Wall Mounting Kit TSP-WMK03
Rev. November 30, 2022
TSPC-120TSPC-240 TRACOPOWER-TSPC-120TSPC-240 Datasheet
381Kb / 1P
   Wall Mounting Kit TSP-WMK03
Rev. November 30, 2022
TSPC-DCM TRACOPOWER-TSPC-DCM Datasheet
393Kb / 2P
   Industrial Decoupling Module TSPC-DCM Module: 600 Watt
Rev. October 28, 2021
More results

Similar Description - TSPC860XRVZQU66D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC823UM_REV1_16-CPM7 MOTOROLA-MPC823UM_REV1_16-CPM7 Datasheet
234Kb / 74P
   Communication Processor Module
logo
NXP Semiconductors
P1020PB NXP-P1020PB Datasheet
592Kb / 16P
   Integrated Processor
Rev. 0 11/2008
logo
ON Semiconductor
B300 ONSEMI-B300 Datasheet
425Kb / 28P
   Audio Processor for Portable Communication Devices
September, 2019 ??Rev. 11
B300W35A109XXG ONSEMI-B300W35A109XXG Datasheet
467Kb / 31P
   Audio Processor for Portable Communication Devices
February, 2015 ??Rev. 8
logo
ATMEL Corporation
PC8245 ATMEL-PC8245 Datasheet
429Kb / 61P
   Integrated Processor Family
logo
Motorola, Inc
MC68306FC16 MOTOROLA-MC68306FC16 Datasheet
1Mb / 191P
   Integrated EC000 Processor
logo
Freescale Semiconductor...
MC68330 FREESCALE-MC68330 Datasheet
1Mb / 37P
   Integrated CPU32 Processor
logo
Motorola, Inc
MC68322 MOTOROLA-MC68322 Datasheet
263Kb / 12P
   Integrated Printer Processor
MC68340 MOTOROLA-MC68340 Datasheet
701Kb / 24P
   Integrated Processor Unit
logo
Ramtron International C...
FM4005 RAMTRON-FM4005 Datasheet
236Kb / 23P
   Integrated Processor Companion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com