Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB42AA9PZTR Datasheet(PDF) 10 Page - Texas Instruments

Part # TSB42AA9PZTR
Description  STORAGELYNX 1394 LINK-LAYER CONTROLLER FOR ATA/ATAPI STORAGE PRODUCTS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB42AA9PZTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSB42AA9PZTR Datasheet HTML 6Page - Texas Instruments TSB42AA9PZTR Datasheet HTML 7Page - Texas Instruments TSB42AA9PZTR Datasheet HTML 8Page - Texas Instruments TSB42AA9PZTR Datasheet HTML 9Page - Texas Instruments TSB42AA9PZTR Datasheet HTML 10Page - Texas Instruments TSB42AA9PZTR Datasheet HTML 11Page - Texas Instruments TSB42AA9PZTR Datasheet HTML 12Page - Texas Instruments TSB42AA9PZTR Datasheet HTML 13Page - Texas Instruments TSB42AA9PZTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
1–4
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
PHY INTERFACE
CTL1, CTL0
15, 16
I/O
PHY-link control bus. CTL1 and CTL0 indicate the four operations that can occur on this interface (see
Annex J of the IEEE 1394-1995 standard[2] for more information about the four operations).
D7 – D0
6, 7, 8, 9, 11,
12, 13, 14
I/O
PHY-link data bus. Data is expected on D0–1 for 100 Mb/s packets, D0–D3 for 200 Mb/s, and D0–D7 for
400 Mb/s. D0 is the most significant bit.
LREQ
18
O
Link request. LREQ is an output that makes bus requests and register access requests to the PHY.
SCLK
17
I
System clock. SCLK is a 49.152-MHz clock supplied by the PHY
±100 ppm.
FLASH PROM/EPROM INTERFACE
ADDR[13:0]
87, 83, 91, 93,
89, 88, 82, 79,
78, 77, 75, 74,
73, 72
O
Flash PROM/EPROM address bus. ADDR is a 14-bit address bus between StorageLynx and its
(optional) external memory. ADDR13 is the most significant bit.
AD[7:0]
4, 3, 1, 100,
99, 98, 97, 96
I/O
Flash PROM/EPROM data bus. AD is a birdirectional 8-bit data bus between StorageLynx and its (op-
tional) external memory. AD7 is the most significant bit.
CS
95
O
Flash PROM/EPROM chip enable (active low). CS is the external memory chip enable.
OE_RD
92
O
Flash PROM/EPROM output enable (active low). OE_RD is the external memory output enable.
WE
85
O
Flash PROM/EPROM write enable (active low). WE is the external memory write enable. During normal
operation this signal is asserted high.
2-wire Serial Bus
SDA
23
I/O
Serial Data. SDA is the data interface for the serial EEPROM. SDA should be pulled up with a 10K resis-
tor at the serial EEPROM.
SCL
24
O
Serial Clock. SCL provides serial clock signaling. 100 kHz (Nclk/256) for serial EEPROM.
RESERVED
RSVD
25, 26, 27
Reserved. Test Signals
MISCELLANEOUS
UART_RXD
28
I
UART RXD. Mux-selectable input. On power up, this signal is sampled to set the embedded processor
clock speed setting. A detected logic high sets the internal clock to 50 MHz (pull-up through a 10K resis-
tor). A logic low sets the clock to 25 MHz (pull down through a 1K resistor).
UART_TXD
30
O
UART TXD. Mux-selectable output.
MODE0
69
I
MODE0. This signal is device configuration select 0. See Table 2–4.
MODE1
70
I
MODE1. This signal is device configuration select 1. See Table 2–4.
PWRON
34
O
Power on. This signal is asserted on power up. PWRON is negated when an SBP–2 logout occurs. This
signal can also be used as a general-purpose output.
TSTMODE
19
I
Test mode select. Tie to GND during normal operation.
SCANEN
20
I
Test mode scan enable. Tie to GND during normal operation.
1.6
Chapter References
1.
IEEE P1394a, Draft Standard for a High Performance Serial Bus (Supplement)
2.
IEEE Std 1394–1995, Standard for a High Performance Serial Bus
3.
T10 Project 1155D, ANSI NCTIS.xxx-199x, Serial Bus Protocol 2 (SBP-2)


Similar Part No. - TSB42AA9PZTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB42AA9A TI-TSB42AA9A Datasheet
268Kb / 45P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB42AA9A TI1-TSB42AA9A Datasheet
88Kb / 7P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB42AA9APZT TI1-TSB42AA9APZT Datasheet
88Kb / 7P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB42AA9APZTG4 TI1-TSB42AA9APZTG4 Datasheet
88Kb / 7P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB42AA9A TI1-TSB42AA9A_14 Datasheet
88Kb / 7P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
More results

Similar Description - TSB42AA9PZTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB42AA9A TI1-TSB42AA9A_14 Datasheet
88Kb / 7P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB42AA9A TI-TSB42AA9A Datasheet
268Kb / 45P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
logo
NXP Semiconductors
PDI1394L11 PHILIPS-PDI1394L11 Datasheet
294Kb / 46P
   1394 AV link layer controller
1997 Oct 21
logo
Texas Instruments
TSB43AA82A TI-TSB43AA82A Datasheet
741Kb / 147P
[Old version datasheet]   1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
logo
NXP Semiconductors
PDI1394L40 PHILIPS-PDI1394L40 Datasheet
327Kb / 80P
   1394 enhanced AV link layer controller
2000 Dec 15
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
   1394 SBP-2 link layer controller
2000 Nov 17
logo
Texas Instruments
TSB43AA82A TI1-TSB43AA82A_14 Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
logo
Actel Corporation
A3P125 ACTEL-A3P125 Datasheet
414Kb / 1P
   ATA/ATAPI Controller
logo
SMSC Corporation
USB97C202 SMSC-USB97C202 Datasheet
305Kb / 17P
   ATA/ATAPI CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com