Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16808 Datasheet(PDF) 1 Page - Vicor Corporation

Part # 16808
Description  PCB LAYOUT DRAWING FOR MINI SIZE MODULE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

16808 Datasheet(HTML) 1 Page - Vicor Corporation

  16808 Datasheet HTML 1Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PLATED THRU HOLE
FOR STANDOFF MTG
3,30
± 0,08
4 x ø 0.130
± 0.003
17,78
0.700
25,4
1.000
35,56
1.400
10,16
0.400
48,26
± 0,05
1.900
± 0.002
1,59
0.063
48,26
1.900
3,18
± 0,05
2 x 0.125
± 0.002
40,64
1.600
7,62
0.300
1,59
0.063
6,35
0.250
6,36
0.250
13,61
0.536
53,24
2.096
2,47
0.097
13,61
0.536
6,36
0.251
DETAIL A
(MIRROR IMAGE TO OTHER SIDE)
ALL DIMENSIONS IN INCHES
SEE DETAIL B
SEE DETAIL A
PCB
2
43
1
9
8
7
6
5
PCB MOUNTING SPECIFICATIONS
(ALSO SEE EXCHANGE TOOL DETAILS IN RIGHT VIEWS)
PRODUCT APPLICATION SPECIFICATIONS
1,63
±0,08
(#52 DRILL)
6 x ø0.064
± 0.003
DETAIL B
(MIRROR IMAGE TO OTHER SIDE)
ALL DIMENSIONS IN INCHES
15
°
11,18
0.440
50,8
2.000
61,72
2.430
6,73
0.265
7,62
0.300
20,3
± 0,8
0.80
± 0.03
3,8
0.15
50,3
1.98
1,6
0.06
9,5
0.38
31,6
1.25
12,47
0.491
MAX
0.56
0,15
0.006
20,3
0.80
SURFMATE INPUT
CONNECTOR
PCB
MODULE
1
2
3
1
3
4
56
7
8
9
2
MODULE
EXCHANGE
TOOL
MODULE
EXCHANGE
TOOL-
BOTH ENDS
(PARTIAL)
MODULE
BASEPLATE
PCB
SURFMATE OUTPUT
CONNECTOR
DETAIL C
REF
BOTTOM OF
CAP TO TOP
OF PCB
EXCHANGE TOOL
HOOK AREA, 4 PLCS
(BOTH ENDS-SEE VIEWS)
38
°
55
°
0.131
0.467
0.027
0.230
0.115
0.159
0.318
0.034
0.604
0.027
0.277
TYP
0.230
0.065
0.115
0.340
0.202
TYP
0.050
0.027
TYP
0.050
0.027
0.027
0.340
0.226
0.328
0.265
0.254
0.065
0.138
TYP
0.050
TYP
0.050
0.034
0.065
0.027
0.027
0.027
FREE OF SOLDER MASK
SOLDER MASK KEEP-OUT AREA
EXCEPT ON PADS
SOLDER MASK KEEP-OUT AREA
EXCEPT ON PADS
FREE OF SOLDER MASK
3 VIA HOLES
Ø 0.032
± 0.003
29 VIA HOLES
Ø 0.032
± 0.003
2 x Ø 0.316
7 x Ø 0.233
16 VIA HOLES
Ø 0.032
± 0.003
3 VIA HOLES
Ø 0.032
± 0.003
7 PL
Ø 0.016 NON PLATED THRU
7 x Ø 0.016
0.266
0.069
0.313
0.102
0.266
0.069
0.350
0.152
All dimensions are Inch or Inch / Metric
ANSI / IPC-D-300 specifications apply for Class “B” boards.
Recommended PCB construction:
Multilayer 3oz Cu with internal power and ground planes. Pad geometry and minimum number
of via holes for connection to power and ground planes shown in Details “A” & “B” for high
current applications. Pads to be covered with solder mask except in circular area shown in
Detail “A” & “B”. Final pad height above laminate to be 0.004" +/- 0.0004".
Light gray area denotes stencil aperture (should include circular solder mask keep-out area on each pad).
Pin
Symbol
Function
Symbol
Function
Pin Dia.
Number
(Inches / mm)
1
+
+IN
N
Neutral
0.080 / 2,03
2
PC
Prim. Control EMI GRD
EMI
0.080 / 2,03
3
PR
Parallel
NC
0.080 / 2,03
4
––IN
L
Line
0.080 / 2,03
5
––OUT
–– Out
0.150 / 3,81
6
–S
– Sense
EN
Enable
0.080 / 2,03
7
SC
Sec. Control
ST
Strap
0.080 / 2,03
8
+S
+Sense
BOK
BUS OK
0.080 / 2,03
9
+
+Out
+
+ OUT
0.150 / 3,81
PIN LEGEND
Mini
FARM
PCB Layout Drawing
for Mini Size Module


Similar Part No. - 16808

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1680856 PHOENIX-1680856 Datasheet
111Kb / 8P
   Sensor/actuator box - SACB-4Q/4P-L-SC NPN
1680869 PHOENIX-1680869 Datasheet
110Kb / 8P
   Sensor/actuator box - SACB-6Q/4P-L-SC NPN
1680872 PHOENIX-1680872 Datasheet
71Kb / 5P
   Sensor/actuator box - SACB-8Q/4P-L-SC NPN
1680885 PHOENIX-1680885 Datasheet
153Kb / 5P
   SACB-4/ 8- 5,0PUR
1680898 PHOENIX-1680898 Datasheet
153Kb / 5P
   SACB-4/ 8-10,0PUR
More results

Similar Description - 16808

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
MB-522 ROSENBERGER-MB-522 Datasheet
172Kb / 2P
   Leiterplatten-Layout PCB Layout
21.08.2019
logo
Samtec, Inc
XDMX SAMTEC-XDMX Datasheet
41Kb / 1P
   Recommended PCB Layout For XDMX
Rev. A
logo
STMicroelectronics
AN2797 STMICROELECTRONICS-AN2797 Datasheet
421Kb / 23P
   PCB layout guidelines for SPEAr600
AN2674 STMICROELECTRONICS-AN2674 Datasheet
549Kb / 22P
   PCB layout guidelines for SPEAr3xx
logo
All Sensors Corporation
P2NQ ASC-P2NQ Datasheet
207Kb / 1P
   For suggested pad layout, see drawing: PAD-01
CFFS ASC-CFFS Datasheet
275Kb / 1P
   For suggested pad layout, see drawing: PAD-01
CPFR ASC-CPFR Datasheet
290Kb / 1P
   For suggested pad layout, see drawing: PAD-01
EGNL ASC-EGNL Datasheet
39Kb / 1P
   For suggested pad layout, see drawing: PAD-01
PTNQ ASC-PTNQ Datasheet
250Kb / 1P
   For suggested pad layout, see drawing: PAD-01
EGNS ASC-EGNS Datasheet
38Kb / 1P
   For suggested pad layout, see drawing: PAD-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com