Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM2990-5SMM Datasheet(PDF) 4 Page - International Rectifier

Part # OM2990-5SMM
Description  Three Terminal, Fixed Voltage, Low Dropout Negative Voltage Regulator In Hermetic Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM2990-5SMM Datasheet(HTML) 4 Page - International Rectifier

  OM2990-5SMM Datasheet HTML 1Page - International Rectifier OM2990-5SMM Datasheet HTML 2Page - International Rectifier OM2990-5SMM Datasheet HTML 3Page - International Rectifier OM2990-5SMM Datasheet HTML 4Page - International Rectifier OM2990-5SMM Datasheet HTML 5Page - International Rectifier OM2990-5SMM Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ELECTRICAL CHARACTERISTICS,
OM2990- 5N2 (-5 VOLTS)
Test Conditions are -55°C
T
A
125°C, V
IN =
-10V, C
OUT =
47 µF (unless otherwise specified).
Parameter
Symbol
Test Conditions
Notes
Min.
Max.
Unit
Output Voltage
V
OUT
5 mA < I
O <
300 mA
1
-5.10
-4.90
V
2
-5.25
-4.75
Quiescent Current
I
Q
I
O <
300 mA
1
7
m A
214
I
O = 300 mA , VIN = -5 V
1,2
55
Line Regulation
V
RLN
-6 V
V
IN
-26 V,
1
+45
m V
I
OUT =
5 mA
2
+60
Load Regulation
V
RLD
50 mA
I
OUT
300 mA
1
+80
m V
2+120
Dropout Voltage
V
DO
I
O =
100 mA
1
.3
V
DV
O
100 mV
2
I
O =
300 mA
1
1
DV
O
100 mV
2
Output Noise Voltage
V
ON
I
O =
5 mA,
3
800
µV
10 Hz - 100 kHz
Short Circuit Current
I
OS
R
L =
1
1
300
m A
2
250
Maximum Output Current
I
MAX
1
300
m A
Ripple Rejection
R
R
V
ripple = 1 Vms
150
dB
I
OUT =
5 mA, f = 1 kHz
Notes:
1. T
A = 25°C.
2. Over full operating temperature range.
3. Guaranteed, not tested
ELECTRICAL CHARACTERISTICS, OM2990-12N2 (-12 VOLTS)
Test Conditions are -55°C
T
A
125°C, V
IN = -
17 V, C
OUT = 47 µF
(unless otherwise specified).
Parameter
Symbol
Test Conditions
Notes
Min.
Max.
Unit
Output Voltage
V
OUT
5 mA < I
O < 300 mA
1
-12.24
-11.76
V
2
-12.60
-11.40
Quiescent Current
I
Q
I
O <
300 mA
1
7
m A
214
I
O = 300 mA, VIN = -12 V
1,2
60
Line Regulation
V
RLN
-13 V
V
IN
-26 V
1
+75
m V
I
OUT =
5 mA
2
+110
Load Regulation
V
RLD
50 mA
I
OUT
300 mA
1
+120
m V
2+190
Dropout Voltage
V
DO
I
O = 100 mA
1
.3
V
DV
O
100 mV
2
I
O = 300 mA
1
1
DV
O
100 mV
2
Output Noise Voltage
V
ON
I
O =
5 mA,
3
1650
µV
10 Hz - 100 kHz
Short Circuit Current
I
OS
R
L =
1
1
200
m A
2
175
Maximum Output Current
I
MAX
1
280
mA
4
Ripple Rejection
R
R
V
ripple = 1 Vms
142
dB
I
OUT =
5 mA, f = 1 kHz
Notes:
1. T
A = 25°C.
2. Over full operating temperature range.
3. Guaranteed, not tested
4. The short circuit current is less than the maximum output current due to internal foldback current limiting.
The -5V and -5.2V versions do not reach the foldback current limit and therefore conducts a higher short
ELECTRICAL CHARACTERISTICS,
OM2990-15 N2 (-15 VOLTS)
Test Conditions are -55°C
T
A
125°C, V
IN =
-20V, C
OUT =
47 µF (unless otherwise specified).
Parameter
Symbol
Test Conditions
Notes
Min.
Max.
Unit
Output Voltage
V
OUT
5 mA < I
O <
300 mA
1
-15.30
-14.70
V
2
-15.75
-14.25
Quiescent Current
I
Q
I
O <
300 mA
1
20
m A
225
I
O = 300 mA , VIN = -15 V
1,2
60
Line Regulation
V
RLN
-16 V
V
IN
-26 V,
1
+85
m V
I
OUT = 5 mA
2
+130
Load Regulation
V
RLD
50 mA
I
OUT
300 mA
1
+135
m V
2+205
Dropout Voltage
V
DO
I
O =
100 mA
1
.3
V
DV
O
100 mV
2
I
O =
300 mA
1
1
DV
O
100 mV
2
Output Noise Voltage
V
ON
I
O =
5 mA,
3
1900
µV
10 Hz - 100 kHz
Short Circuit Current
I
OS
R
L =
1
1
150
m A
2
140
Maximum Output Current
I
MAX
1
280
m A
4
Ripple Rejection
R
R
V
ripple = 1 Vms
142
dB
I
OUT =
5 mA, f = 1 kHz
Notes:
1. T
A = 25°C.
2. Over full operating temperature range.
3. Guaranteed, not tested
4. The short circuit current is less than the maximum output current due to internal foldback current limiting.
The -5V and -5.2V versions do not reach the foldback current limit and therefore conducts a higher short
circuitlevel.
1.1
1.1
1.3
1.3
1.4
2.1
2.2
2.3
2.4
3.1
3.2


Similar Part No. - OM2990-5SMM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM2940-05SM ETC-OM2940-05SM Datasheet
41Kb / 4P
   SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR
OM2940-12SM ETC-OM2940-12SM Datasheet
41Kb / 4P
   SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR
OM2940-15SM ETC-OM2940-15SM Datasheet
41Kb / 4P
   SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR
OM2940STM ETC-OM2940STM Datasheet
38Kb / 4P
   0.5 VOLT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATOR APPROVED TO DESC DRAWING
More results

Similar Description - OM2990-5SMM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1325SMM ETC1-OM1325SMM Datasheet
38Kb / 4P
   Three Terminal, Precision Adjustable Negative Voltage Regulator In Hermetic Style Packages
OM1324SMM ETC1-OM1324SMM Datasheet
37Kb / 4P
   Three Terminal, Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
794Kb / 3P
   Three-terminal negative voltage regulator
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
788Kb / 3P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com