Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTU8B55EN Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MTU8B55EN
Description  EPROM-Based 8-Bit CMOS Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTU8B55EN Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MTU8B55EN Datasheet HTML 5Page - List of Unclassifed Manufacturers MTU8B55EN Datasheet HTML 6Page - List of Unclassifed Manufacturers MTU8B55EN Datasheet HTML 7Page - List of Unclassifed Manufacturers MTU8B55EN Datasheet HTML 8Page - List of Unclassifed Manufacturers MTU8B55EN Datasheet HTML 9Page - List of Unclassifed Manufacturers MTU8B55EN Datasheet HTML 10Page - List of Unclassifed Manufacturers MTU8B55EN Datasheet HTML 11Page - List of Unclassifed Manufacturers MTU8B55EN Datasheet HTML 12Page - List of Unclassifed Manufacturers MTU8B55EN Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Revision 1.2
- 9 -
24 October 2000
MTU8B54E/55E/56E/57E
MYSON
TECHNOLOGY
3.4 RESET
This device may be reset by one of the following ways:
(1) Power-on Reset : At power-up, this device will be kept in a RESET condition for a period of 18ms after
the voltage on MCLR/Vpp pin has reached a logic high level.
(2) MCLR reset (normal operation).
(3) WDT reset (normal operation).
(4) MCLR wake-up (from sleep mode).
(5) WDT wake-up (from sleep mode) : Executing the SLEEP instruction can force this device entering into
sleep mode (power saving mode). While in sleep mode, the WDT is cleared but keeps running. This
device can be awakened by WDT time-out or reset input on MCLR pin.
The contents of registers after reset are listed below:
Note: x = unknown, u = unchanged, - = unimplemented, read as “0”,
# = refer to the following table
Address
Register
Power-On Reset
/MCLR or WDT Reset
00h
INAR
xxxx xxxx
uuuu uuuu
01h
Timer0
xxxx xxxx
uuuu uuuu
02h
PC
1111 1111
1111 1111
03h
STATUS
0001 1xxx
000# #uuu
04h
FSR
1xxx xxxx
1uuu uuuu
05h
PORTA
---- xxxx
---- uuuu
06h
PORTB
xxxx xxxx
uuuu uuuu
07h
PORTC
xxxx xxxx
uuuu uuuu
07h-1Fh
General Purpose Register
xxxx xxxx
uuuu uuuu
N/A
Acc
xxxx xxxx
uuuu uuuu
N/A
IOST
1111 1111
1111 1111
N/A
T0MODE
--11 1111
--11 1111
Condition
Status:bit 4
Status:bit 3
/MCLR Reset (not during SLEEP)
u
u
/MCLR Reset during SLEEP
1
0
WDT Reset (not during SLEEP)
0
1
WDT Reset during SLEEP
0
0


Similar Part No. - MTU8B55EN

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
MTU8V0063GS50 MTU-MTU8V0063GS50 Datasheet
430Kb / 4P
   GAS GENERATOR SET
MTU8V0071GS60 MTU-MTU8V0071GS60 Datasheet
441Kb / 4P
   GAS GENERATOR SET
MTU8V0183GS260 MTU-MTU8V0183GS260 Datasheet
625Kb / 4P
   GAS GENERATOR SET
MTU8V1600DS350 MTU-MTU8V1600DS350 Datasheet
411Kb / 4P
   DIESEL GENERATOR SET
MTU8V1600DS400 MTU-MTU8V1600DS400 Datasheet
918Kb / 5P
   DIESEL GENERATOR SET
More results

Similar Description - MTU8B55EN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com