Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF8881 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF8881
Description  132 x 132 RGB single chip TFT driver with DC-to-DC converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8881 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF8881 Datasheet HTML 1Page - NXP Semiconductors PCF8881 Datasheet HTML 2Page - NXP Semiconductors PCF8881 Datasheet HTML 3Page - NXP Semiconductors PCF8881 Datasheet HTML 4Page - NXP Semiconductors PCF8881 Datasheet HTML 5Page - NXP Semiconductors PCF8881 Datasheet HTML 6Page - NXP Semiconductors PCF8881 Datasheet HTML 7Page - NXP Semiconductors PCF8881 Datasheet HTML 8Page - NXP Semiconductors PCF8881 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2004 Aug 10
4
Philips Semiconductors
Objective specification
132
× 132 RGB single chip TFT driver
with DC-to-DC converter
PCF8881
4
QUICK REFERENCE DATA
VDDD = 2.7 V to 3.3 V; VDDA = 2.7 V to 3.3 V; VSSD =VSSA =0V; Tamb = −40 °C to +70 °C; fosc = 227.8 kHz; data = 00h.
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Supplies
VDDD
logic supply voltage range
1.65
1.8
1.95
V
VDDA
analog supply voltage range
2.6
2.75
2.9
V
VSSD
logic ground level
0.0
V
VSSA
analog ground level
0.0
V
Logic Inputs
VIH
HIGH level input voltage
0.7VSSD
VDDD
V
VIL
LOW level input voltage
0
0.3VDDD
V
IL
input leakage current
VI =VDDD or VSSD
−1+1
µA
Logic Outputs
VOH
HIGH level output voltage
current = 1 mA
0.8VDDD
VDDD
V
VOL
LOW level output voltage
current = 1 mA
VSSD
0.2VSSD
V
Current consumption analog and logic
Power-down
IDDD
logic current consumption
0
0
µA
IDDA
analog current consumption
10
20
µA
4.1
Output load model
handbook, full pagewidth
MDB409
OUTPUT
DRIVER
CCCCC
(1)
R
Pad
RRRR
Fig.1 Output load model.
(1) ESD protection.
R values are k
Ω; C values are pF. For a single RC model: R = 5R kΩ; C = 5C pF.


Similar Part No. - PCF8881

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8883 NXP-PCF8883 Datasheet
124Kb / 24P
   Capacitive proximity switch with auto-calibration, large voltage operating range and very low power consumption
Rev. 01-16 October 2009
PCF8883 NXP-PCF8883 Datasheet
251Kb / 25P
   Capacitive proximity switch with auto-calibration, large voltage operating
Rev. 2-8 March 2011
PCF88831 NXP-PCF88831 Datasheet
251Kb / 25P
   Capacitive proximity switch with auto-calibration, large voltage operating
Rev. 2-8 March 2011
PCF8883T NXP-PCF8883T Datasheet
124Kb / 24P
   Capacitive proximity switch with auto-calibration, large voltage operating range and very low power consumption
Rev. 01-16 October 2009
PCF8883T NXP-PCF8883T Datasheet
251Kb / 25P
   Capacitive proximity switch with auto-calibration, large voltage operating
Rev. 2-8 March 2011
More results

Similar Description - PCF8881

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8833 PHILIPS-PCF8833 Datasheet
469Kb / 112P
   STN RGB - 132 X 132 X 3 driver
2003 Feb 14
logo
Powerbox
PBDD-5026J POWERBOX-PBDD-5026J Datasheet
314Kb / 1P
   52-132 WATTS DC/DC SINGLE
logo
STMicroelectronics
STV8116 STMICROELECTRONICS-STV8116 Datasheet
175Kb / 4P
   162 RGB x 132 single chip true 262K color OLED controller/driver
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
Samsung semiconductor
S6D0114 SAMSUNG-S6D0114 Datasheet
1Mb / 143P
   132 RGB X 176 DOT 1-CHIP DRIVER IC WITH INTERNAL GRAM FOR 262,144 Colors TFT-LCD
logo
Power-One
24Q1001-2R POWER-ONE-24Q1001-2R Datasheet
139Kb / 4P
   60...132 Watt DC-DC Converters
logo
List of Unclassifed Man...
SSD1789A ETC1-SSD1789A Datasheet
3Mb / 69P
   132 RGB x 160 CSTN LCD Segment / Common COLOR Driver with Controller
SSD1783 ETC1-SSD1783 Datasheet
3Mb / 79P
   132 RGB x 160 CSTN LCD Segment / Common COLOR Driver with Controller
logo
Samsung semiconductor
S6D0110 SAMSUNG-S6D0110 Datasheet
595Kb / 108P
   132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
logo
Wall Industries,Inc.
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com