Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V9099L12PFI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT70V9099L12PFI
Description  HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V9099L12PFI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70V9099L12PFI Datasheet HTML 1Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 2Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 3Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 4Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 5Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 6Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 7Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 8Page - Integrated Device Technology IDT70V9099L12PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©2003 Integrated Device Technology, Inc.
APRIL 2003
DSC-4859/3
1
Functional Block Diagram
Features:
True Dual-Ported memory cells which allow simultaneous
access of the same memory location
High-speed clock to data access
– Commercial: 6/7.5/9/12ns (max.)
– Industrial: 9ns (max.)
Low-power operation
– IDT70V9199/099L
Active: 500mW (typ.)
Standby: 1.5mW (typ.)
Flow-Through or Pipelined output mode on either port via
the FT/PIPE pins
Dual chip enables allow for depth expansion without
additional logic
Counter enable and reset features
Full synchronous operation on both ports
– 3.5ns setup to clock and 0ns hold on all control, data, and
addressinputs
– Data input, address, and control registers
– Fast 6.5ns clock to data out in the Pipelined output mode
– Self-timedwriteallowsfastcycletime
– 10ns cycle time, 100MHz operation in Pipelined output mode
LVTTL- compatible, single 3.3V (±0.3V) power supply
Industrial temperature range (–40°C to +85°C) is
available for selected speeds
Available in a 100-pin Thin Quad Flatpack (TQFP)
IDT70V9199/099L
0
1
0/1
1
0/1
0
R/
WR
OER
CE0R
CE1R
FT/PIPER
I/O
Control
MEMORY
ARRAY
Counter/
Address
Reg.
I/O
Control
4859 drw 01
A16R
A0R
CLKR
ADSR
CNTENR
CNTRSTR
A0L
CLKL
ADSL
A16L
CNTENL
CNTRSTL
Counter/
Address
Reg.
R/
WL
CE0L
OEL
CE1L
I/O0L - I/O8L(1)
I/O0R -I/O8R(1)
.
1
0/1
0
0
1
0/1
FT/PIPEL
HIGH-SPEED 3.3V
128K x9/x8
SYNCHRONOUS PIPELINED
DUAL-PORT STATIC RAM
NOTE:
1. I/O0X - I/O7X for IDT70V9099.


Similar Part No. - IDT70V9099L12PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9079L12PF IDT-IDT70V9079L12PF Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9079L12PFI IDT-IDT70V9079L12PFI Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9079L15PF IDT-IDT70V9079L15PF Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9079L15PFI IDT-IDT70V9079L15PFI Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9079L6PF IDT-IDT70V9079L6PF Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V9099L12PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9199L IDT-IDT70V9199L_10 Datasheet
185Kb / 17P
   HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9199 RENESAS-70V9199 Datasheet
474Kb / 18P
   HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V9199 IDT-IDT70V9199_18 Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_18 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_18 Datasheet
208Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9179L IDT-IDT70V9179L Datasheet
204Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_18 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9169 IDT-IDT70V9169 Datasheet
205Kb / 16P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369L IDT-IDT70V9369L Datasheet
222Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L_15 Datasheet
686Kb / 16P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com