Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT90820AL Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # MT90820AL
Description  Large Digital Switch
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT90820AL Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button MT90820AL Datasheet HTML 4Page - Zarlink Semiconductor Inc MT90820AL Datasheet HTML 5Page - Zarlink Semiconductor Inc MT90820AL Datasheet HTML 6Page - Zarlink Semiconductor Inc MT90820AL Datasheet HTML 7Page - Zarlink Semiconductor Inc MT90820AL Datasheet HTML 8Page - Zarlink Semiconductor Inc MT90820AL Datasheet HTML 9Page - Zarlink Semiconductor Inc MT90820AL Datasheet HTML 10Page - Zarlink Semiconductor Inc MT90820AL Datasheet HTML 11Page - Zarlink Semiconductor Inc MT90820AL Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
MT90820
Data Sheet
8
Zarlink Semiconductor Inc.
Wide Frame Pulse (WFP) Frame Alignment Timing
When the device is in WFP frame alignment mode, the CLK input must be at 16.384 MHz, the FE/HCLK input is
4.096 MHz and the 8 kHz frame pulse is in ST-BUS format. The timing relationship between CLK, HCLK and the
frame pulse is defined in Figure 12.
When WFPS pin is high, the frame alignment evaluation feature is disabled, but the frame input offset registers may
still be programmed to compensate for the varying frame delays on the serial input streams.
Switching Configurations
The MT90820 maximum non-blocking switching configurations is determined by the data rates selected for the
serial inputs and outputs. The switching configuration is selected by two DR bits in the IMS register. See Table 8
and Table 9.
2.048 Mb/s Serial Links (DR0=0, DR1=0)
When the 2.048 Mb/s data rate is selected, the device is configured with 16-input/16-output data streams each
having 32 64 Kbit/s channels each. This mode requires a CLK of 4.094 MHz and allows a maximum non-blocking
capacity of 512 x 512 channels.
4.096 Mb/s Serial Links (DR0=1, DR1=0)
When the 4.096 Mb/s data rate is selected, the device is configured with 16-input/16-output data streams each
having 64 64 Kbit/s channels each. This mode requires a CLK of 8.192 MHz and allows a maximum non-blocking
capacity of 1,024 x 1,024 channels.
8.192 Mb/s Serial Links (DR0=0, DR1=1)
When the 8.192 Mb/s data rate is selected, the device is configured with 16-input/16-output data streams each
having 128 64 Kbit/s channels each. This mode requires a CLK of 16.384 MHz and allows a maximum non-
blocking capacity of 2,048 x 2,048 channels. Table 1 summarizes the switching configurations and the relationship
between different serial data rates and the master clock frequencies.
Table 1 - Switching Configuration
Serial Interface
Data Rate
Master Clock
Required
(MHz)
Matrix Channel
Capacity
2 Mb/s
4.096
512 x 512
4 Mb/s
8.192
1,024 x 1,024
8 Mb/s
16.384
2,048 x 2,048


Similar Part No. - MT90820AL

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90820AL MITEL-MT90820AL Datasheet
69Kb / 10P
   CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
More results

Similar Description - MT90820AL

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90823 MITEL-MT90823 Datasheet
150Kb / 34P
   3V Large Digital Switch
logo
Zarlink Semiconductor I...
MT90823AP ZARLINK-MT90823AP Datasheet
663Kb / 46P
   3V Large Digital Switch
logo
Mitel Networks Corporat...
MT90820 MITEL-MT90820 Datasheet
69Kb / 10P
   CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
logo
Siemens Semiconductor G...
PEB2047 SIEMENS-PEB2047 Datasheet
297Kb / 50P
   Memory Time Switch Large MTSL
logo
Zarlink Semiconductor I...
MT8981D ZARLINK-MT8981D Datasheet
561Kb / 17P
   Digital Switch
logo
Siemens Semiconductor G...
PEB2447 SIEMENS-PEB2447 Datasheet
1Mb / 51P
   Memory Time Switch Extended Large MTSXL
logo
OPLINK Communications I...
OFMS-1XN OPLINK-OFMS-1XN Datasheet
278Kb / 2P
   Large Channel Count 1xN Switch Module
logo
A1 PROs co., Ltd.
IMP8980D A1PROS-IMP8980D Datasheet
142Kb / 14P
   PCM Digital Switch
logo
IMP, Inc
IMP8980D IMP-IMP8980D Datasheet
136Kb / 14P
   PCM Digital Switch
IMP8980D IMP-IMP8980D Datasheet
136Kb / 14P
   PCM Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com