Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTU8B54E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MTU8B54E
Description  EPROM-Based 8-Bit CMOS Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTU8B54E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MTU8B54E Datasheet HTML 1Page - List of Unclassifed Manufacturers MTU8B54E Datasheet HTML 2Page - List of Unclassifed Manufacturers MTU8B54E Datasheet HTML 3Page - List of Unclassifed Manufacturers MTU8B54E Datasheet HTML 4Page - List of Unclassifed Manufacturers MTU8B54E Datasheet HTML 5Page - List of Unclassifed Manufacturers MTU8B54E Datasheet HTML 6Page - List of Unclassifed Manufacturers MTU8B54E Datasheet HTML 7Page - List of Unclassifed Manufacturers MTU8B54E Datasheet HTML 8Page - List of Unclassifed Manufacturers MTU8B54E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This datasheet contains new product information. Myson Technology reserves the rights to modify the product specification without
notice. No liability is assumed as a result of the use of this procuts. No rights under any patent accompany the sales of the product.
Revision 1.2
- 1 -
24 October 2000
MTU8B54E/55E/56E/57E
MYSON
TECHNOLOGY
FEATURES
GENERAL DESCRIPTION
BLOCK DIAGRAM
MTU8B5X series is an EPROM based 8-bit micro-
controller which employs a full CMOS technology
enhanced with low-cost, high speed and high noise
immunity. Watchdog Timer, RAM, EPROM, tri-state
I/O port, power down mode, and real time program-
mable clock/counter are integrated into this chip.
MTU8B5X contains 33 instructions, all are single
cycle except for program branches which take two
cycles.
On chip memory is available with 512x14 bits of
EPROM for MTU8B54E/55E, 1Kx14 bits of EPROM
for MTU8B56E, 2Kx14 bits of EPROM for
MTU8B57E and 24 to 72 bytes of static RAM.
EPROM-Based 8-Bit CMOS Microcontroller
• Total of 33 single word instructions .
• The fast execution time may be 200ns for all single
cycle instructions under 20MHz operating.
• Operating voltage range: 2.3V ~ 6.5V
• 8-bit data bus.
• 14-bit instruction word.
• Four-level stacks.
• On chip EPROM size : 512x14 bits for MTU8B54E/55E,
1Kx14 bits for MTU8B56E,
2Kx14 bits for MTU8B57E.
• Internal RAM size : 25 bytes for MTU8B54E/56E,
24 bytes for MTU8B55E,
72 bytes for MTU8B57E.
• Direct and indirect addressing modes for data accessing
• 8-bit real time clock/counter with 8-bit programmable
prescaler.
• Internal power-on Reset.
• Device Reset Timer.
• Code protection.
• Sleep mode for power saving.
• On chip Watchdog Timer(WDT) based on internal RC
oscillator.
• Three I/O ports PA, PB nad PC with independent direc-
tion control.
Four-level
Stack
RAM
Configuration
Word
OSCO
OSCI
MCLR
WDT/Timer0
Prescaler
Oscillator
Circuit
Osc Mode
Select
Sleep
WatchDog
Timer
T0CKI
Timer0
WDT
Time Out
T0MODE
Register
6
Vdd
Vss
Program
Counter
EPROM
Instruction
Register
Instruction
Decoder
FSR
PortA
PortB
Status
6
Accumulator
ALU
11
11
14
14
8
8
8
4
PA3:PA0
PB7:PB0
2
PortC
8
PC7:PC0
24, 25 or 27 Bytes
512 X 14 TO
2048 X 14
Only in MTU8B55E/57E
• 4 types of oscillator can be selected by code options:
- RC : Low-cost RC oscillator
- XTAL : Standard crystal oscillator
- HFXTAL : High frequency crystal oscillator
- LFXTAL : Low frequency crystal oscillator


Similar Part No. - MTU8B54E

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
MTU8V0063GS50 MTU-MTU8V0063GS50 Datasheet
430Kb / 4P
   GAS GENERATOR SET
MTU8V0071GS60 MTU-MTU8V0071GS60 Datasheet
441Kb / 4P
   GAS GENERATOR SET
MTU8V0183GS260 MTU-MTU8V0183GS260 Datasheet
625Kb / 4P
   GAS GENERATOR SET
MTU8V1600DS350 MTU-MTU8V1600DS350 Datasheet
411Kb / 4P
   DIESEL GENERATOR SET
MTU8V1600DS400 MTU-MTU8V1600DS400 Datasheet
918Kb / 5P
   DIESEL GENERATOR SET
More results

Similar Description - MTU8B54E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com