Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC61LV2568-8KI Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC61LV2568-8KI
Description  256K x 8 Hight Speed SRAM with 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61LV2568-8KI Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

  IC61LV2568-8KI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IC61LV2568
Integrated Circuit Solution, Inc.
7
AHSR023-0A
09/12/2001
AC WAVEFORMS
WRITE CYCLE NO. 1 (1,2 )(CE Controlled, OE is HIGH or LOW)
DATA UNDEFINED
t WC
VALID ADDRESS
t SCE
t PWE1
t PWE2
t AW
t HA
HIGH-Z
t HD
t SA
t HZWE
ADDRESS
CE
WE
DOUT
DIN
DATAIN VALID
t LZWE
t SD
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2) (Over Operating Range)
-8 ns
-10 ns
-12 ns
-15 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tWC
Write Cycle Time
8
10
12
15
ns
tSCE
CE to Write End
7
8
9
10
ns
tAW
Address Setup Time
7
8
9
10
ns
to Write End
tHA
Address Hold
0
0
0
0
ns
from Write End
tSA
Address Setup Time
0
0
0
0
ns
tPWE(4)
WE Pulse Width
7
8
9
10
ns
tSD
Data Setup to Write End
4.5
5
6
7
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tHZWE(3) WE LOW to High-Z Output
3
4
5
6
ns
tLZWE(3) WE HIGH to Low-Z Output
0
0
0
0
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse
levels of 0 to 3.0V and output loading specified in Figure 1.
2. The internal write time is defined by the overlap of
CE LOW and WE LOW. All signals must be in valid states
to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing
are referenced to the rising or falling edge of the signal that terminates the Write.
3. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100%
tested.
4.Tested with
OE Hith.


Similar Part No. - IC61LV2568-8KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10J ICSI-IC61LV256-10J Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JG ICSI-IC61LV256-10JG Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JI ICSI-IC61LV256-10JI Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JIG ICSI-IC61LV256-10JIG Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
More results

Similar Description - IC61LV2568-8KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV6416 ICSI-IC61LV6416 Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
logo
Alliance Semiconductor ...
AS7C32096A ALSC-AS7C32096A Datasheet
194Kb / 9P
   3.3V 256K x 8 CMOS SRAM
AS7C33256NTD18B ALSC-AS7C33256NTD18B Datasheet
441Kb / 18P
   3.3V 256K x 8 Pipelined SRAM with NTD
logo
Lyontek Inc.
LY61L2568 LYONTEK-LY61L2568 Datasheet
152Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568 LYONTEK-LY61L2568_13 Datasheet
215Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568A LYONTEK-LY61L2568A_12 Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY612568 LYONTEK-LY612568_13 Datasheet
213Kb / 11P
   5V 256K X 8 BIT HIGH SPEED CMOS SRAM
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com