Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM20CIM7EP Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM20CIM7EP
Description  Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM20CIM7EP Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM20CIM7EP Datasheet HTML 1Page - National Semiconductor (TI) LM20CIM7EP Datasheet HTML 2Page - National Semiconductor (TI) LM20CIM7EP Datasheet HTML 3Page - National Semiconductor (TI) LM20CIM7EP Datasheet HTML 4Page - National Semiconductor (TI) LM20CIM7EP Datasheet HTML 5Page - National Semiconductor (TI) LM20CIM7EP Datasheet HTML 6Page - National Semiconductor (TI) LM20CIM7EP Datasheet HTML 7Page - National Semiconductor (TI) LM20CIM7EP Datasheet HTML 8Page - National Semiconductor (TI) LM20CIM7EP Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings (Note 4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
+6.5V to −0.2V
Output Voltage
(V
+ + 0.6 V) to
−0.6 V
Output Current
10 mA
Input Current at any pin (Note 5)
5 mA
Storage Temperature
−65˚C to
+150˚C
Maximum Junction Temperature
(T
JMAX)
+150˚C
ESD Susceptibility (Note 6) :
Human Body Model
2500 V
Machine Model
250 V
Lead Temperature
SC-70 Package (Note 7) :
Vapor Phase (60 seconds)
+215˚C
Infrared (15 seconds)
+220˚C
Operating Ratings(Note 4)
Specified Temperature Range:
T
MIN
≤ T
A
≤ T
MAX
LM20BEP, LM20CEP with
2.4 V
≤ V+≤ 2.7 V
−30˚C
≤ T
A
≤ +130˚C
LM20BEP, LM20CEP with
2.7 V
≤ V+≤ 5.5 V
−55˚C
≤ T
A
≤ +130˚C
LM20SEP with
2.4 V
≤ V+≤ 5.5 V
−30˚C
≤ T
A
≤ +125˚C
LM20SEP with
2.7 V
≤ V+≤ 5.5 V
−40˚C
≤ T
A
≤ +125˚C
Supply Voltage Range (V
+)
+2.4 V to +5.5 V
Thermal Resistance,
θ
JA(Note 8)
SC-70
micro SMD
415˚C/W
340˚C/W
Electrical Characteristics
Unless otherwise noted, these specifications apply for V
+ = +2.7 V
DC. Boldface limits apply for TA =TJ =TMIN to TMAX ; all
other limits T
A =TJ = 25˚C; Unless otherwise noted.
Parameter
Conditions
Typical
(Note 9)
LM20BEP
LM20CEP
LM20SEP
Units
(Limit)
Limits
Limits
Limits
(Note 10)
(Note 10)
(Note 10)
Temperature to Voltage Error
V
O = (−3.88x10
−6xT2)
+ (−1.15x10
−2xT) + 1.8639V
(Note 11)
T
A = +25˚C to +30˚C
±1.5
±4.0
±2.5
˚C (max)
T
A = +130˚C
±2.5
±5.0
˚C (max)
T
A = +125˚C
±2.5
±5.0
±3.5
˚C (max)
T
A = +100˚C
±2.2
±4.7
±3.2
˚C (max)
T
A = +85˚C
±2.1
±4.6
±3.1
˚C (max)
T
A = +80˚C
±2.0
±4.5
±3.0
˚C (max)
T
A = 0˚C
±1.9
±4.4
±2.9
˚C (max)
T
A = −30˚C
±2.2
±4.7
±3.3
˚C (min)
T
A = −40˚C
±2.3
±4.8
±3.5
˚C (max)
T
A = −55˚C
±2.5
±5.0
˚C (max)
Output Voltage at 0˚C
+1.8639
V
Variance from Curve
±1.0
˚C
Non-Linearity (Note 12)
−20˚C
≤ T
A
≤ +80˚C
±0.4
%
Sensor Gain (Temperature
Sensitivity or Average Slope)
to equation:
V
O=−11.77 mV/˚CxT+1.860V
−30˚C
≤ T
A
≤ +100˚C
−11.77
−11.4
−12.2
−11.0
−12.6
−11.0
−12.6
mV/˚C (min)
mV/˚C (max)
Output Impedance
0 µA
≤ I
L
≤ +16 µA
(Notes 14, 15)
160
160
160
Ω (max)
Load Regulation(Note 13)
0 µA
≤ I
L
≤ +16 µA
(Notes 14, 15)
−2.5
−2.5
−2.5
mV (max)
Line Regulation
+2. 4 V
≤ V+ ≤ +5.0V
+3.3
+3.7
+3.7
mV/V (max)
+5.0 V
≤ V+ ≤ +5.5 V
+11
+11
+11
mV (max)
Quiescent Current
+2. 4V
≤ V+ ≤ +5.0V
4.5
7
7
7
µA (max)
+5.0V
≤ V+ ≤ +5.5V
4.5
9
9
9
µA (max)
+2. 4V
≤ V+ ≤ +5.0V
4.5
10
10
10
µA (max)
Change of Quiescent Current
+2. 4 V
≤ V+ ≤ +5.5V
+0.7
µA
Temperature Coefficient of
−11
nA/˚C
www.national.com
3


Similar Part No. - LM20CIM7EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20CIM7 NSC-LM20CIM7 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20CIM7 NSC-LM20CIM7 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20CIM7 TI1-LM20CIM7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LM20CIM7 TI1-LM20CIM7 Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
LM20CIM7/NOPB TI1-LM20CIM7/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
More results

Similar Description - LM20CIM7EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM19 NSC-LM19 Datasheet
173Kb / 8P
   2.4V, 10uA, TO-92 Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
   Ultra-low current 2.4V precision analog temperature sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com