Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UL631H256S2K35 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # UL631H256S2K35
Description  Low Voltage SoftStore 32K x 8 nvSRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UL631H256S2K35 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button UL631H256S2K35 Datasheet HTML 4Page - List of Unclassifed Manufacturers UL631H256S2K35 Datasheet HTML 5Page - List of Unclassifed Manufacturers UL631H256S2K35 Datasheet HTML 6Page - List of Unclassifed Manufacturers UL631H256S2K35 Datasheet HTML 7Page - List of Unclassifed Manufacturers UL631H256S2K35 Datasheet HTML 8Page - List of Unclassifed Manufacturers UL631H256S2K35 Datasheet HTML 9Page - List of Unclassifed Manufacturers UL631H256S2K35 Datasheet HTML 10Page - List of Unclassifed Manufacturers UL631H256S2K35 Datasheet HTML 11Page - List of Unclassifed Manufacturers UL631H256S2K35 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
April 7, 2005
UL631H256
Test Configuration for Functional Check
v: In measurement of tdis-times and ten-times the capacitance is 5 pF.
w: Between VCC and VSS must be connected a high frequency bypass capacitor 0.1 µF to avoid disturbances.
Capacitancee
Conditions
Symbol
Min.
Max.
Unit
Input Capacitance
VCC
VI
f
Ta
= 3.0 V
= VSS
= 1 MHz
= 25
°C
CI
8pF
Output Capacitance
CO
7pF
All pins not under test must be connected with ground by capacitors.
VIH
VIL
V
SS
VCCw
1.1 k
950
30 pF v
VO
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
E
W
G
3 V
A13
A14
Operating Temperature Range
C =
0 to 70 °C
K = -40 to 85 °C
G1
S2
45
C
UL631H256
Type
Package
S = SOP28 (330mil) Type 1
S2 = SOP28 (330mil) Type 2
Ordering Code
Leadfree Option
blank = Standard Package
G1
= Leadfree Green Package x
Access Time
35 = 35 ns (V
CC = 3.0 ... 3.6 V)
45 = 45 ns (V
CC = 2.7 ... 3.6 V)
x: on special request
Example
Date of manufacture
(The first 2 digits indicating
the year, and the last 2
digits the calendar week.)
Leadfree Green Package
Product specification
Internal Code
Device Marking (example)
ZMD
UL631H256S2C
45
Z 0425
G1


Similar Part No. - UL631H256S2K35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
UL631H256S2K35 SIMTEK-UL631H256S2K35 Datasheet
180Kb / 13P
   SimtekLow Voltage SoftStore 32K x 8 nvSRAM
UL631H256S2K35G1 SIMTEK-UL631H256S2K35G1 Datasheet
180Kb / 13P
   SimtekLow Voltage SoftStore 32K x 8 nvSRAM
More results

Similar Description - UL631H256S2K35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
UL631H256 SIMTEK-UL631H256 Datasheet
180Kb / 13P
   SimtekLow Voltage SoftStore 32K x 8 nvSRAM
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
logo
List of Unclassifed Man...
UL634H256 ETC-UL634H256 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com