Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMM65-015P Datasheet(PDF) 2 Page - IXYS Corporation

Part # FMM65-015P
Description  Trench Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMM65-015P Datasheet(HTML) 2 Page - IXYS Corporation

  FMM65-015P Datasheet HTML 1Page - IXYS Corporation FMM65-015P Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 - 2
© 2002 IXYS All rights reserved
FMM 65-015P
Component
Symbol
Conditions
Maximum Ratings
I
RMS
per pin
75
A
T
VJ
-55...+175
°C
T
stg
-55...+125
°C
V
ISOL
I
ISOL ≤ 1 mA; 50/60 Hz
2500
V~
F
C
mounting force with clip
20...120
N
Symbol
Conditions
Characteristic Values
min.
typ.
max.
C
p
coupling capacity between shorted pins
40
pF
and mounting tab in the case
d
S,dA
pin - pin
1.7
mm
d
S,dA
pin - backside metal
5.5
mm
Weight
9g
Dimensions in mm (1 mm = 0.0394")


Similar Part No. - FMM65-015P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMM60-02TF IXYS-FMM60-02TF Datasheet
101Kb / 2P
   Trench Gate HiperFET N-Channel Power MOSFET
logo
Fairchild Semiconductor
FMM6G30US60 FAIRCHILD-FMM6G30US60 Datasheet
972Kb / 9P
   Compact & Complex Module
FMM6G50US60 FAIRCHILD-FMM6G50US60 Datasheet
986Kb / 9P
   Compact & Complex Module
More results

Similar Description - FMM65-015P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR4101P ONSEMI-NTR4101P_16 Datasheet
81Kb / 5P
   Trench Power MOSFET
October, 2016 ??Rev. 12
logo
ZP Semiconductor
NTR4101P ZPSEMI-NTR4101P Datasheet
232Kb / 2P
   Trench Power MOSFET
logo
ON Semiconductor
NTJS3151P ONSEMI-NTJS3151P_16 Datasheet
73Kb / 5P
   Trench Power MOSFET
June, 2016 ??Rev. 4
logo
IXYS Corporation
FMM140-004PL IXYS-FMM140-004PL Datasheet
32Kb / 2P
   Trench Power MOSFET
FMM200-004PL IXYS-FMM200-004PL Datasheet
46Kb / 2P
   Trench Power MOSFET
FMM300-0055P IXYS-FMM300-0055P Datasheet
46Kb / 2P
   Trench Power MOSFET
IXUC160N075 IXYS-IXUC160N075 Datasheet
55Kb / 2P
   Trench Power MOSFET
logo
ON Semiconductor
NTJS3157N ONSEMI-NTJS3157N_13 Datasheet
111Kb / 6P
   Trench Power MOSFET
January, 2013 ??Rev. 3
logo
IXYS Corporation
FMM200-0075P IXYS-FMM200-0075P Datasheet
116Kb / 2P
   Trench Power MOSFET
logo
ON Semiconductor
NTMD4102PR2 ONSEMI-NTMD4102PR2 Datasheet
47Kb / 4P
   Trench Power MOSFET
March, 2003 - Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com