Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS2907ARLRE Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPS2907ARLRE
Description  General Purpose Transistors(PNP Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS2907ARLRE Datasheet(HTML) 1 Page - ON Semiconductor

  MPS2907ARLRE Datasheet HTML 1Page - ON Semiconductor MPS2907ARLRE Datasheet HTML 2Page - ON Semiconductor MPS2907ARLRE Datasheet HTML 3Page - ON Semiconductor MPS2907ARLRE Datasheet HTML 4Page - ON Semiconductor MPS2907ARLRE Datasheet HTML 5Page - ON Semiconductor MPS2907ARLRE Datasheet HTML 6Page - ON Semiconductor MPS2907ARLRE Datasheet HTML 7Page - ON Semiconductor MPS2907ARLRE Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
October, 2001 – Rev. 0
1
Publication Order Number:
MPS2907A/D
MPS2907A
Preferred Device
General Purpose
Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
–60
Vdc
Collector–Base Voltage
VCBO
–60
Vdc
Emitter–Base Voltage
VEBO
–5.0
Vdc
Collector Current – Continuous
IC
–600
mAdc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–55 to
+150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction to Ambient
R
θJA
200
°C/W
Thermal Resistance,
Junction to Case
R
θJC
83.3
°C/W
Device
Package
Shipping
ORDERING INFORMATION
http://onsemi.com
TO–92
CASE 29
STYLES 1, 14
3
2
1
Preferred devices are recommended choices for future use
and best overall value.
MPS2907A
TO–92
5000 Units/Box
COLLECTOR
3
2
BASE
1
EMITTER
MPS2907ARLRA
TO–92
2000/Tape & Reel
MPS2907ARLRE
TO–92
2000/Ammo Pack
MPS2907ARLRM
TO–92
2000/Ammo Pack
MPS2907ARLRP
TO–92
2000/Ammo Pack
STYLE 1
Y
= Year
WW
= Work Week
MARKING DIAGRAMS
MPS2
907A
YWW


Similar Part No. - MPS2907ARLRE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS2907ARLRAG ONSEMI-MPS2907ARLRAG Datasheet
134Kb / 6P
   General Purpose Transistors
June, 2010 ??Rev. 5
MPS2907ARLRPG ONSEMI-MPS2907ARLRPG Datasheet
134Kb / 6P
   General Purpose Transistors
June, 2010 ??Rev. 5
More results

Similar Description - MPS2907ARLRE

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com