Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4614-CM Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4614-CM
Description  CrystalClear SoundFusion PCI Audio Accelerator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4614-CM Datasheet(HTML) 4 Page - Cirrus Logic

  CS4614-CM Datasheet HTML 1Page - Cirrus Logic CS4614-CM Datasheet HTML 2Page - Cirrus Logic CS4614-CM Datasheet HTML 3Page - Cirrus Logic CS4614-CM Datasheet HTML 4Page - Cirrus Logic CS4614-CM Datasheet HTML 5Page - Cirrus Logic CS4614-CM Datasheet HTML 6Page - Cirrus Logic CS4614-CM Datasheet HTML 7Page - Cirrus Logic CS4614-CM Datasheet HTML 8Page - Cirrus Logic CS4614-CM Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
CIRRUS LOGIC PRELIMINARY PRODUCT BULLETIN JUNE 30, 5:03 PM
DS292PP3
CS4614
CrystalClear™ SoundFusion™ PCI Audio Accelerator
DC CHARACTERISTICS (T
A = 70° C; PCIVDD = CVDD = CRYVDD = 3.3 V; VDD5REF = 5 V;
PCIGND = CGND = CRYGND = 0 V; all voltages with respect to 0 V unless otherwise noted)
Notes: 9. The following signals are tested to 6 mA: FRAME#, TRDY#, IRDY#, DEVSEL#, STOP#, SERR#,
PERR#, and INTA#. All other PCI interface signals are tested to 3 mA.
10. Input leakage currents include hi-Z output leakage for all bi-directional buffers with three-state outputs.
11. For open drain pins, high level output voltage is dependent on external pull-up used and number of
attached gates.
12. Typical values are given as average current with typical SP task execution and data streaming. Current
values vary dramatically based on the software running on the SP.
Parameter
Symbol
Min
Typ
Max
Unit
PCI Interface Signal Pins
High level input voltage
VIH
2-
5.75
V
Low level input voltage
VIL
-0.5
-
0.8
V
High level output voltage
Iout = -2 mA
VOH
2.4
-
-
V
Low level output voltage
Iout = 3 mA, 6 mA
(Note 9)
VOL
--
0.55
V
High level leakage current
Vin = 2.7 V
(Note 10)
IIH
--
70
µA
Low level leakage current
Vin = 0.5 V(Note 10)
IIL
--
-70
µA
Non-PCI Interface Signal Pins (Except XTALO)
High level input voltage
XTALI
Other Pins
VIH
2.3
2
3.3
-
4.0
5.75
V
V
Low level input voltage
XTALI
Other Pins
VIL
-0.5
-0.5
0
-
0.8
0.8
V
V
High level output voltage
Iout = -4 mA
(Note 11)
VOH
2.4
-
-
V
Low level output voltage
Iout = 4 mA
VOL
--
0.4
V
High level leakage current
Vin = 5.25 V
IIH
--
10
µA
Low level leakage current
Vin = 0
IIL
--
-10
µA
Parameter
Min
Typ
Max
Unit
Power Supply Pins (Outputs Unloaded)
Power Supply Current:
VDD5REF
PCIVDD/CVDD/CRYVDD Total
(Notes 4,12)
-
-
0.6
164
-
TBD
mA
mA
Low Power Mode Supply Current
-
10
-
mA


Similar Part No. - CS4614-CM

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4610 CIRRUS-CS4610 Datasheet
446Kb / 29P
   CrystalClear SoundFusion PCI Audio Accelerator
CS4610-CM CIRRUS-CS4610-CM Datasheet
446Kb / 29P
   CrystalClear SoundFusion PCI Audio Accelerator
CS4610C-CQ CIRRUS-CS4610C-CQ Datasheet
446Kb / 29P
   CrystalClear SoundFusion PCI Audio Accelerator
CS4611 CIRRUS-CS4611 Datasheet
446Kb / 29P
   CrystalClear SoundFusion PCI Audio Accelerator
CS4611-CM CIRRUS-CS4611-CM Datasheet
446Kb / 29P
   CrystalClear SoundFusion PCI Audio Accelerator
More results

Similar Description - CS4614-CM

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4630 CIRRUS-CS4630 Datasheet
526Kb / 38P
   CrystalClear SoundFusion PCI Audio Accelerator
CS4610 CIRRUS-CS4610 Datasheet
446Kb / 29P
   CrystalClear SoundFusion PCI Audio Accelerator
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299_06 Datasheet
1Mb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4281 CIRRUS-CS4281 Datasheet
549Kb / 36P
   CrystalClear PCI Audio interface
logo
National Semiconductor ...
LM4560 NSC-LM4560 Datasheet
380Kb / 54P
   Advanced PCI Audio Accelerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com