Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS3638A Datasheet(PDF) 4 Page - ON Semiconductor

Part # MPS3638A
Description  Switching Transistor(PNP Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS3638A Datasheet(HTML) 4 Page - ON Semiconductor

  MPS3638A Datasheet HTML 1Page - ON Semiconductor MPS3638A Datasheet HTML 2Page - ON Semiconductor MPS3638A Datasheet HTML 3Page - ON Semiconductor MPS3638A Datasheet HTML 4Page - ON Semiconductor MPS3638A Datasheet HTML 5Page - ON Semiconductor MPS3638A Datasheet HTML 6Page - ON Semiconductor MPS3638A Datasheet HTML 7Page - ON Semiconductor MPS3638A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPS3638A
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 5. Turn–On Time
IC, COLLECTOR CURRENT (mA)
20
30
50
5.0
10
7.0
Figure 6. Rise Time
IC, COLLECTOR CURRENT (mA)
Figure 7. Storage Time
IC, COLLECTOR CURRENT (mA)
25
°C
100
°C
TRANSIENT CHARACTERISTICS (Continued)
70
100
10
20
50
70
100
200
300
500
30
IC/IB = 10
tr @ VCC = 30 V
tr @ VCC = 10 V
td @ VBE(off) = 2 V
td @ VBE(off) = 0
20
30
50
5.0
10
7.0
70
100
10
20
50
70
100
200
300
500
30
VCC = 30 V
IC/IB = 10
10
20
50
70
100
200
300
500
30
100
20
70
50
200
30
IC/IB = 10
IC/IB = 20
IB1 = IB2
ts′ = ts – 1/8 tf


Similar Part No. - MPS3638A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS3638A MOTOROLA-MPS3638A Datasheet
321Kb / 8P
   Switching Transistors
MPS3638A MOTOROLA-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor
logo
Fairchild Semiconductor
MPS3638A FAIRCHILD-MPS3638A Datasheet
307Kb / 8P
   PNP Small Signal General Purpose Amplifiers & Switches
logo
SEMTECH ELECTRONICS LTD...
MPS3638A SEMTECH_ELEC-MPS3638A Datasheet
152Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Foshan Blue Rocket Elec...
MPS3638A FOSHAN-MPS3638A Datasheet
987Kb / 7P
   Silicon PNP transistor in a TO-92 Plastic Package
More results

Similar Description - MPS3638A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4403LT1 ONSEMI-MMBT4403LT1 Datasheet
147Kb / 8P
   Switching Transistor(PNP Silicon)
September, 2004 ??Rev. 3
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
   Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
   Switching Transistor PNP Silicon
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
   Silicon PNP Transistor Switching Transistor
logo
Microsemi Corporation
2N2907ADIE MICROSEMI-2N2907ADIE Datasheet
44Kb / 2P
   SWITCHING TRANSISTOR PNP SILICON
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com