Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS2907A Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPS2907A
Description  General Purpose Transistors(PNP Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS2907A Datasheet(HTML) 3 Page - ON Semiconductor

  MPS2907A Datasheet HTML 1Page - ON Semiconductor MPS2907A Datasheet HTML 2Page - ON Semiconductor MPS2907A Datasheet HTML 3Page - ON Semiconductor MPS2907A Datasheet HTML 4Page - ON Semiconductor MPS2907A Datasheet HTML 5Page - ON Semiconductor MPS2907A Datasheet HTML 6Page - ON Semiconductor MPS2907A Datasheet HTML 7Page - ON Semiconductor MPS2907A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPS2907A
http://onsemi.com
3
0
0
-16 V
200 ns
50
1.0 k
200
-30 V
TO OSCILLOSCOPE
RISE TIME ≤ 5.0 ns
+15 V -6.0 V
1.0 k
37
50
1N916
1.0 k
200 ns
-30 V
TO OSCILLOSCOPE
RISE TIME ≤ 5.0 ns
INPUT
Zo = 50 Ω
PRF = 150 PPS
RISE TIME ≤ 2.0 ns
P.W. < 200 ns
INPUT
Zo = 50 Ω
PRF = 150 PPS
RISE TIME ≤ 2.0 ns
P.W. < 200 ns
Figure 1. Delay and Rise Time Test Circuit
Figure 2. Storage and Fall Time Test Circuit
TYPICAL CHARACTERISTICS
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.3
0.5
0.7
1.0
3.0
0.2
-0.1
TJ = 125°C
25°C
-55°C
VCE = -1.0 V
VCE = -10 V
2.0
-0.2 -0.3
-0.5 -0.7 -1.0
-2.0 -3.0
-5.0 -7.0 -10
-20 -30
-50 -70 -100
-200 -300 -500
Figure 4. Collector Saturation Region
IB, BASE CURRENT (mA)
-0.4
-0.6
-0.8
-1.0
-0.2
0
IC = -1.0 mA
-0.005
-10 mA
-0.01
-100 mA
-500 mA
-0.02 -0.03 -0.05 -0.07 -0.1
-0.2 -0.3
-0.5 -0.7 -1.0
-2.0 -3.0
-5.0 -7.0 -10
-20 -30
-50


Similar Part No. - MPS2907A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS2907A MOTOROLA-MPS2907A Datasheet
245Kb / 6P
   General Purpose Transistors
logo
Allied Components Inter...
MPS2907A ALLIED-MPS2907A Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Samsung semiconductor
MPS2907A SAMSUNG-MPS2907A Datasheet
36Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Continental Device Indi...
MPS2907A CDIL-MPS2907A Datasheet
198Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
General Semiconductor
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
More results

Similar Description - MPS2907A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com