Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

88CNQ060ASM Datasheet(PDF) 3 Page - International Rectifier

Part # 88CNQ060ASM
Description  SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

88CNQ060ASM Datasheet(HTML) 3 Page - International Rectifier

  88CNQ060ASM Datasheet HTML 1Page - International Rectifier 88CNQ060ASM Datasheet HTML 2Page - International Rectifier 88CNQ060ASM Datasheet HTML 3Page - International Rectifier 88CNQ060ASM Datasheet HTML 4Page - International Rectifier 88CNQ060ASM Datasheet HTML 5Page - International Rectifier 88CNQ060ASM Datasheet HTML 6Page - International Rectifier 88CNQ060ASM Datasheet HTML 7Page - International Rectifier 88CNQ060ASM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
88CNQ060A Series
3
Bulletin PD-20058 rev. B 01/02
www.irf.com
Fig.2-Typical Values Of Reverse Current
Vs. Reverse Voltage (PerLeg)
Fig.3-Typical Junction Capacitance
Vs. Reverse Voltage (PerLeg)
Fig.4-Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
Fig.1-Max. Forward Voltage Drop Characteristics
(PerLeg)
Forward Voltage Drop-V
FM(V)
ReverseVoltage-V
R(V)
ReverseVoltage-V
R(V)
t
1,RectangularPulseDuration(Seconds)
0.01
0.1
1
10
100
1000
0
1020
3040
5060
125˚C
100˚C
75˚C
50˚C
25˚C
Tj = 150˚C
100
1000
10000
0
10
203040
5060
Tj = 25˚C
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
Tj = 150˚C
Tj = 125˚C
Tj = 25˚C
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Notes:
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
2
t
1
t
P
DM


Similar Part No. - 88CNQ060ASM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
88CNQ060ASM VISHAY-88CNQ060ASM Datasheet
111Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 02-Sep-08
88CNQ060ASM VISHAY-88CNQ060ASM Datasheet
150Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
logo
International Rectifier
88CNQ060ASMPBF IRF-88CNQ060ASMPBF Datasheet
166Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
88CNQ060ASMPBF VISHAY-88CNQ060ASMPBF Datasheet
150Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results

Similar Description - 88CNQ060ASM

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com