Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS2222ARLRA Datasheet(PDF) 6 Page - ON Semiconductor

Part # MPS2222ARLRA
Description  General Purpose Transistors(NPN Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS2222ARLRA Datasheet(HTML) 6 Page - ON Semiconductor

  MPS2222ARLRA Datasheet HTML 1Page - ON Semiconductor MPS2222ARLRA Datasheet HTML 2Page - ON Semiconductor MPS2222ARLRA Datasheet HTML 3Page - ON Semiconductor MPS2222ARLRA Datasheet HTML 4Page - ON Semiconductor MPS2222ARLRA Datasheet HTML 5Page - ON Semiconductor MPS2222ARLRA Datasheet HTML 6Page - ON Semiconductor MPS2222ARLRA Datasheet HTML 7Page - ON Semiconductor MPS2222ARLRA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MPS2222, MPS2222A
http://onsemi.com
6
Figure 11. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
Figure 12. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
-0.5
0
+0.5
-1.0
-1.5
-2.5
RqVC for VCE(sat)
RqVB for VBE
0.1
1.0 2.0
5.0 10 20
50
0.2
0.5
100 200 500 1.0 k
1.0 V
-2.0
0.1
1.0 2.0
5.0 10 20
50
0.2
0.5
100 200 500


Similar Part No. - MPS2222ARLRA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS2222ARLRA ONSEMI-MPS2222ARLRA Datasheet
96Kb / 6P
   General Purpose Transistors
March, 2007 ??Rev. 3
MPS2222ARLRAG ONSEMI-MPS2222ARLRAG Datasheet
96Kb / 6P
   General Purpose Transistors
March, 2007 ??Rev. 3
More results

Similar Description - MPS2222ARLRA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com