Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA4746 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMA4746
Description  Surface Mount Silicon Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMA4746 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1SMA4746 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMA4746 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMA4746 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMA4746 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SMA4746 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FIG.6- TYPICAL CAPACITANCE versus Vz
FIG.7- TEMPERATURE COEFFICIENTS
FIG.8- TEMPERATURE COEFFICIENTS
FIG.9- EFFECT OF ZENER CURRENT
V , FORWARD VOLTAGE (VOLTS)
Z
V , ZENER VOLTAGE (VOLTS)
Z
V , ZENER VOLTAGE (VOLTS)
Z
V , ZENER VOLTAGE (VOLTS)
Z
0V BIAS
1.0V BIAS
50% OF BREAKDOWN BIAS
1.0
10
100
4
8
10
100
200
300
400
b-RANGE FOR UNITS 11 TO 100 VOLTS
V@ I
ZZT
RANGE
10
20
30
50
70
100
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
a-RANGE FOR UNITS TO 12 VOLTS
V@ I
ZZT
RANGE
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
11
12
-2.0
-4.0
0
+2.0
+4.0
+6.0
+8.0
+10
+12
V@ I
T25 C
ZZT
A
o
20mA
0.01mA
1.0mA
NOTE: BELOW 3 VOLTS AND ABOVE a VOLTS
CHANGES IN ZENER CURRENT OO NOT
AFFECT TEMPERATURE COEFFICIENTS
3.0
4.0
5.0
6.0
7.0
8.0
-4.0
-2.0
0
+2.0
+4.0
+6.0
RATINGS AND CHARACTERISTIC CURVES ( 1SMA4741 THRU 1SMA200Z)
- 126 -


Similar Part No. - 1SMA4746

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4746 TRSYS-1SMA4746 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4746 TSC-1SMA4746 Datasheet
297Kb / 6P
   1.0 Watt Surface Mount Silicon Zener Diodes
logo
Continental Device Indi...
1SMA4746 CDIL-1SMA4746 Datasheet
230Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4746 TSC-1SMA4746 Datasheet
199Kb / 4P
   1.0 Watt Surface Mount Silicon Zener Diodes
1SMA4746 TSC-1SMA4746 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
More results

Similar Description - 1SMA4746

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_15 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com