Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-80847CNNB-B88-T2 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-80847CNNB-B88-T2
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80847CNNB-B88-T2 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-80847CNNB-B88-T2 Datasheet HTML 3Page - Seiko Instruments Inc S-80847CNNB-B88-T2 Datasheet HTML 4Page - Seiko Instruments Inc S-80847CNNB-B88-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-80847CNNB-B88-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-80847CNNB-B88-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-80847CNNB-B88-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-80847CNNB-B88-T2 Datasheet HTML 9Page - Seiko Instruments Inc S-80847CNNB-B88-T2 Datasheet HTML 10Page - Seiko Instruments Inc S-80847CNNB-B88-T2 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.2_00
S-808xxC Series
Seiko Instruments Inc.
7
Table 2 (2/2)
Detection
voltage range
Hysteresis width
(Typ.)
SNT-4A
TO-92
*1
5.2 V
±2.0 %
0.260 V
S-80852CNPF-B9DTFG
S-80852CNY-x
5.3 V
±2.0 %
0.265 V
S-80853CNPF-B9ETFG
S-80853CNY-x
5.4 V
±2.0 %
0.270 V
S-80854CNPF-B9FTFG
S-80854CNY-x
5.5 V
±2.0 %
0.275 V
S-80855CNPF-B9GTFG
S-80855CNY-x
5.6 V
±2.0 %
0.280 V
S-80856CNPF-B9HTFG
S-80856CNY-x
5.7 V
±2.0 %
0.285 V
S-80857CNPF-B9ITFG
S-80857CNY-x
5.8 V
±2.0 %
0.290 V
S-80858CNPF-B9JTFG
S-80858CNY-x
5.9 V
±2.0 %
0.295 V
S-80859CNPF-B9KTFG
S-80859CNY-x
6.0 V
±2.0 %
0.300 V
S-80860CNPF-B9LTFG
S-80860CNY-x
*1. x changes according to the packing form in TO-92. S: Bulk, F: Tape and reel, Z: Tape and ammo
*2. Describes the release voltage.
*3. Refer to the Table 18 in “
Electricala Characteristics for Customized Products” for electrical characteristics.
*4. Refer to the Table 20 in “
Electricala Characteristics for Customized Products” for electrical characteristics


Similar Part No. - S-80847CNNB-B88-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80847CNNB-B88T2G SII-S-80847CNNB-B88T2G Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
More results

Similar Description - S-80847CNNB-B88-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com