Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMUN2216LT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMUN2216LT1
Description  NPN SILICON BIAS RESISTOR TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMUN2216LT1 Datasheet(HTML) 1 Page - Motorola, Inc

  MMUN2216LT1 Datasheet HTML 1Page - Motorola, Inc MMUN2216LT1 Datasheet HTML 2Page - Motorola, Inc MMUN2216LT1 Datasheet HTML 3Page - Motorola, Inc MMUN2216LT1 Datasheet HTML 4Page - Motorola, Inc MMUN2216LT1 Datasheet HTML 5Page - Motorola, Inc MMUN2216LT1 Datasheet HTML 6Page - Motorola, Inc MMUN2216LT1 Datasheet HTML 7Page - Motorola, Inc MMUN2216LT1 Datasheet HTML 8Page - Motorola, Inc MMUN2216LT1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Bias Resistor Transistor
NPN Silicon Surface Mount Transistor with
Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and its
external resistor bias network. The BRT (Bias Resistor Transistor) contains a single
transistor with a monolithic bias network consisting of two resistors; a series base
resistor and a base-emitter resistor. The BRT eliminates these individual components
by integrating them into a single device. The use of a BRT can reduce both system
cost and board space. The device is housed in the SOT-23 package which is
designed for low power surface mount applications.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• The SOT-23 package can be soldered using wave or
reflow. The modified gull-winged leads absorb thermal
stress during soldering eliminating the possibility of
damage to the die.
• Available in 8 mm embossed tape and reel. Use the
Device Number to order the 7 inch/3000 unit reel.
Replace “T1” with “T3” in the Device Number to order
the13 inch/10,000 unit reel.
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
Total Power Dissipation @ TA = 25°C(1)
Derate above 25
°C
PD
*200
1.6
mW
mW/
°C
THERMAL CHARACTERISTICS
Thermal Resistance — Junction-to-Ambient (surface mounted)
R
θJA
625
°C/W
Operating and Storage Temperature Range
TJ, Tstg
– 65 to +150
°C
Maximum Temperature for Soldering Purposes,
Time in Solder Bath
TL
260
10
°C
Sec
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
MMUN2211LT1
MMUN2212LT1
MMUN2213LT1
MMUN2214LT1
A8A
A8B
A8C
A8D
10
22
47
10
10
22
47
47
MMUN2214LT1
MMUN2215LT1(2)
MMUN2216LT1(2)
MMUN2230LT1(2)
MMUN2231LT1(2)
A8D
A8E
A8F
A8G
A8H
10
10
4.7
1
22
47
1
22
MMUN2231LT1(2)
MMUN2232LT1(2)
MMUN2233LT1(2)
MMUN2234LT1(2)
A8H
A8J
A8K
A8L
2.2
4.7
4.7
22
2.2
4.7
47
47
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint.
2. New devices. Updated curves to follow in subsequent data sheets.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
(Replaces MMUN2211T1/D)
Order this document
by MMUN2211LT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
NPN SILICON
BIAS RESISTOR
TRANSISTOR
Motorola Preferred Devices
CASE 318-08, STYLE 6
SOT-23 (TO-236AB)
MMUN2211LT1
SERIES
1
2
3
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
PIN 1
BASE
(INPUT)
R1
R2


Similar Part No. - MMUN2216LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMUN2216LT1 LRC-MMUN2216LT1 Datasheet
146Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2216LT1 ONSEMI-MMUN2216LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
MMUN2216LT1 ONSEMI-MMUN2216LT1 Datasheet
100Kb / 12P
   Bias Resistor Transistor
August, 2005 ??Rev. 7
MMUN2216LT1G ONSEMI-MMUN2216LT1G Datasheet
100Kb / 12P
   Bias Resistor Transistor
August, 2005 ??Rev. 7
MMUN2216LT1G ONSEMI-MMUN2216LT1G Datasheet
177Kb / 18P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor
October, 2010 ??Rev. 11
More results

Similar Description - MMUN2216LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com