Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF30FC-20DP-0.4V Datasheet(PDF) 1 Page - Hirose Electric

Part # DF30FC-20DP-0.4V
Description  0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF30FC-20DP-0.4V Datasheet(HTML) 1 Page - Hirose Electric

  DF30FC-20DP-0.4V Datasheet HTML 1Page - Hirose Electric DF30FC-20DP-0.4V Datasheet HTML 2Page - Hirose Electric DF30FC-20DP-0.4V Datasheet HTML 3Page - Hirose Electric DF30FC-20DP-0.4V Datasheet HTML 4Page - Hirose Electric DF30FC-20DP-0.4V Datasheet HTML 5Page - Hirose Electric DF30FC-20DP-0.4V Datasheet HTML 6Page - Hirose Electric DF30FC-20DP-0.4V Datasheet HTML 7Page - Hirose Electric DF30FC-20DP-0.4V Datasheet HTML 8Page - Hirose Electric DF30FC-20DP-0.4V Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF30 Series
2004.10
sOverview
Continuous miniaturization and increased component
density on PCB created demand for extremely low profile
connectors. This series is addition of a new extremely low
profile connectors to Hirose's wide range of high reliability
board-to-board/board-to-FPC connection solutions.
sFeatures
1. Contact reliability
Concentration of the contact's normal forces at the single
point assures good contact wipe and electrical reliability,
while confirming the fully mated condition with a definite
tactile click.
2. Self alignment
Recognizing the difficulties of mating extremely small
connectors in limited spaces the connectors will self align
in horizontal axis within 0.3 mm.
3. Automatic board placement
Packaged on tape-and-reel the plug and headers have
sufficiently large flat areas to allow pick-up with vacuum
nozzles of automatic placement equipment.
4. Variety of contact positions and styles
Available in standard contact positions of: 20, 22, 24, 30,
34, 40, 50, 60, 70 and 80 with and without metal fittings.
Addition of metal fittings does not affect external
dimensionsof the connectors.
Smaller contact positions are also available.
5. Support for continuity test connector
Connectors which have increased insertion and removal
durability are available for continuity tests. Contact your
Hirose sales representative for details.
sApplications
Cellular phones, PDA's, mobile computers, digital
cameras, digital video cameras, and other devices
demanding high reliability connections in extremely
limited spaces.
Extremely small size
40 positions shown
(3.76)
(4.56)
(0.90)
Header
Receptacle
(0.40)
(10.22)
s Low profile
s Increased mated retention
s High contact reliability
DF30*-*DS-0.4V
Receptacle
0.9mm
DF30*-*DP-0.4V
Header
Protrusion improves mated retention
Self alignment
0.3mm


Similar Part No. - DF30FC-20DP-0.4V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF300R07PE4_B6 INFINEON-DF300R07PE4_B6 Datasheet
847Kb / 10P
   EconoPACK4 Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode und NTC
2013-11-11 revision:2.1
DF300R07W2H3_B77 INFINEON-DF300R07W2H3_B77 Datasheet
745Kb / 20P
   EasyPACK??2B module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Revision 1.00 2021-11-15
logo
Token Electronics Indus...
DF3066S170D TOKEN-DF3066S170D Datasheet
524Kb / 19P
   DF-B Dielectric Filters
logo
SanRex Corporation
DF30AA120 SANREX-DF30AA120 Datasheet
90Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF30AA160 SANREX-DF30AA160 Datasheet
90Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
More results

Similar Description - DF30FC-20DP-0.4V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A Datasheet
562Kb / 6P
   0.4-mm Pitch Board to FPC Connector
logo
Hirose Electric
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24 HIROSE-DF24 Datasheet
427Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com