Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6S-2G Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6S-2G
Description  Low Signal Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6S-2G Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6S-2G Datasheet HTML 1Page - Omron Electronics LLC G6S-2G Datasheet HTML 2Page - Omron Electronics LLC G6S-2G Datasheet HTML 3Page - Omron Electronics LLC G6S-2G Datasheet HTML 4Page - Omron Electronics LLC G6S-2G Datasheet HTML 5Page - Omron Electronics LLC G6S-2G Datasheet HTML 6Page - Omron Electronics LLC G6S-2G Datasheet HTML 7Page - Omron Electronics LLC G6S-2G Datasheet HTML 8Page - Omron Electronics LLC G6S-2G Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
G6S
G6S
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23
°C (73°F) with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23
°C (73°F) unless otherwise specified.
3. Pick-up voltage is measured with no carry current across the contacts.
4. Pick-up voltage will vary with temperature.
s COIL DATA (continued)
G6SK – Standard high-sensitivity dual coil latching (G6SK-2F-H, G6SK-2G-H, G6SK-2-H)
Set coil
Reset coil
Rated
Rated
Coil
Rated
Coil
Set pick-up
Reset pick-up
Maximum
Power
voltage
current
resistance
current
resistance
voltage
voltage
voltage
consumption
(VDC)
(mA)
(
Ω)
(mA)
(
Ω)
% of rated voltage
(mW)
3
46.7
64.3
46.7
64.3
75% max.
75% max.
130% max.
140
4.5
31.0
145
31.0
145
5
28.1
178
28.1
178
6
23.3
257
23.3
257
9
15.6
579
15.6
579
12
11.7
1,028
11.7
1,028
24
8.33
2,880
8.33
2,880
75% max.
75% max.
130% max.
200
G6S – European version, non-latching (G6S-2F-Y, G6S-2G-Y, G6S-2-Y)
Rated
Rated
Coil
Pick-up
Dropout
Maximum
Power
voltage
current
resistance
voltage
voltage
voltage
consumption
(DC)
(mA)
(
Ω)
% of rated voltage
(mW)
3
66.7
45
75% max.
10% min.
130% max.
200
4.5
44.6
101
5
40.0
125
6
33.3
180
9
22.2
405
12
16.7
720
24
9.58
2,504
75% max.
10% min.
110% max.
230
Contact resistance
75 m
Ω max.
Operate (set) time
4 ms max. (mean value approx. 2.5 ms G6S; 2.0 ms G6SU, G6SK)
Release (reset) time
4 ms max. (mean value approx. 1.5 ms G6S; 2.0 ms G6SU, G6SK)
Bounce time
Approx. 0.5 ms
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 minute (G6S, G6SU) between coil and contacts
1,000 VAC, 50/60 Hz for 1 minute (G6SK) between coil and contacts
1,500 VAC, 50/60 Hz for 1 minute between contacts of different poles
1,000 VAC, 50/60 Hz for 1 minute between contacts of same pole
Surge withstand voltage
2,500 V, 2 x 10
µS (conforms to Bellcore specifications) for G6S and G6SU;
1,500 V, 10 x 160
µS (conforms to FCC part 68) for G6SK between coil and contacts
2,500 V, 2 x 10
µS (conforms to Bellcore specs.) between contacts of different poles
1,500 V, 10 x 160
µS (conforms to FCC part 68) between contacts of same pole
Vibration
Mechanical durability
10 to 55 Hz; 5 mm (0.20 in) double amplitude
Malfunction durability
10 to 55 Hz; 3.3 mm (0.13 in) double amplitude
Shock
Mechanical durability
1,000 m/s2; approx. 100 G
Malfunction durability
750 m/s2; approx. 75 G
Ambient temperature
-40 to +85
°C (-40°F + 185°F)
Humidity
35 to 85% RH
Service life
Mechanical
100,000,000 operations min. (at 36,000 operations/hour)
Electrical
See "Characteristic Data"
Weight
Approx. 2g (0.07 oz)
Note: Data shown are of initial value.
s CHARACTERISTICS


Similar Part No. - G6S-2G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6S-2G OMRON-G6S-2G Datasheet
781Kb / 12P
   Low Signal Relay
G6S-2G OMRON-G6S-2G Datasheet
781Kb / 12P
   Low Signal Relay
G6S-2G OMRON-G6S-2G Datasheet
765Kb / 12P
   Low Signal Relay
G6S-2G OMRON-G6S-2G Datasheet
749Kb / 12P
   Suface Mount DPDT Relay
G6S-2G OMRON-G6S-2G Datasheet
749Kb / 12P
   Low Signal Relay
More results

Similar Description - G6S-2G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G6S OMRON-G6S_10 Datasheet
781Kb / 12P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com