Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-S51G-HF500 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDSP-S51G-HF500
Description  27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-S51G-HF500 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDSP-S51G-HF500 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-S51G-HF500 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-S51G-HF500 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-S51G-HF500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-S51G-HF500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-S51G-HF500 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-S51G-HF500 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-S51G-HF500 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-S51G-HF500 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Agilent HDSP-S51E Series
27.4 mm (1.08 inch) General Purpose
5 x 7 Dot Matrix Alphanumeric Displays
Data Sheet
Description
These displays have a 27.4 mm
(1.08 inch) character height and
use industry standard size and pin-
out. The devices are available in
either common row anode or
common row cathode configura-
tions. The displays come in only
black face paint and are available in
a choice of GaP Red (HER) or GaP
Features
• 5 x 7 Dot matrix font
• Stackable horizontally
• Industry standard pin-out
– 22.86 mm (0.9 in.) Dual-In-Line
(DIP) leads on 2.54 mm (0.1 in.)
centers
• Choice of colors
– Single color: GaP Red or
GaP Green
– Bi-color: GaP Red and
GaP Green
• Face paint color: black
• Design flexibility
– Common row anode or
common row cathode
• Categorized for luminous intensity
or luminance
• Green categorized for color
Applications
• Suitable for indoor use
• Not recommended for industrial
applications, i.e., operating
temperature requirements
exceeding 85
°C or below -35°C
• Extreme temperature cycling not
recommended[1]
Green colors. The Bi-color
display consists of GaP Red and
Green colors.
These parts are subjected to Out-
going Quality Assurance (OQA)
inspection with an AQL of
0.065% for functional and visual/
cosmetic defects.
Devices
GaP Red
Green
HDSP-
HDSP-
Description
S51E
S51G
27.4 mm Black Surface Common Row Anode
S56E
S56G
27.4 mm Black Surface Common Row Cathode
B51Z
27.4 mm Black Surface Bi-Color Common Row Anode
B56Z
27.4 mm Black Surface Bi-Color Common Row Cathode
Note:
1. For details, please contact your local Agilent components sales office or an authorized distributor.


Similar Part No. - HDSP-S51G-HF500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S53E AVAGO-HDSP-S53E Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S53G AVAGO-HDSP-S53G Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S58E AVAGO-HDSP-S58E Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S58G AVAGO-HDSP-S58G Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
More results

Similar Description - HDSP-S51G-HF500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-H571 HP-HDSP-H571 Datasheet
86Kb / 7P
   5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
HDSP-B582 HP-HDSP-B582 Datasheet
94Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S8XE AVAGO-HDSP-S8XE Datasheet
89Kb / 8P
   17.5 mm (0.69 inch) General Purpose 8 x 8 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-B58X HP-HDSP-B58X Datasheet
281Kb / 8P
   53.3 mm (2.1 INCH) GENERAL PURPOSE 5 X 8 DOT MATRIX BI - COLOR ALPHANUMERIC DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B58X AVAGO-HDSP-B58X Datasheet
86Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com