Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78C32 Datasheet(PDF) 10 Page - Winbond

Part # W78C32
Description  8-BIT EMULATION MICROCONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C32 Datasheet(HTML) 10 Page - Winbond

Back Button W78C32 Datasheet HTML 6Page - Winbond W78C32 Datasheet HTML 7Page - Winbond W78C32 Datasheet HTML 8Page - Winbond W78C32 Datasheet HTML 9Page - Winbond W78C32 Datasheet HTML 10Page - Winbond W78C32 Datasheet HTML 11Page - Winbond W78C32 Datasheet HTML 12Page - Winbond W78C32 Datasheet HTML 13Page - Winbond W78C32 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
W78958B
- 10 -
INTERRUPT SOURCE
VECTOR ADDRESS
PRIORITY SEQUENCE WITHIN LEVEL
External Interrupt 0
03H
0 (Highest)
Timer/Counter 0
0BH
1
External Interrupt 1
13H
2
Timer/Counter 1
1BH
3
Serial Port
23H
4
Timer/Counter 2
2BH
5
External Interrupt 2
33H
6
External Interrupt 3
3BH
7 (Lowest)
Table D7.
ESEL Emulation Address Space Select, Input/Output, Dual-purpose
TYPE
MODE
DESCRIPTION
Advanced
Normal
While the W78958B is accessing program memory, ESEL outputs
"0." While the W78958B is accessing data memory, the ESEL
outputs "1."
Emulation
Default status is pulled low by internal pull-high resistor. ESEL is
used to select two emulation address spaces. When ESEL is held
in "L" state, the SFR/PC and internal RAM can be accessed, and
AP7<0>(EWR) and AP7<1>(ERD) are the active low write and
read control input signals, respectively. When ESEL is held in "H"
state, the external ROM and RAM can be accessed (P3.6 and P3.7
are weakly pulled high by internal pull-high resistors).
Standard
Normal
Same as in the advanced type.
Emulation
Default status is pulled low by internal pull-high resistor. ESEL is
used to select two emulation address spaces. When ESEL is held
in "L" state, the SFR/PC and internal RAM can be accessed, and
AP7<0>(EWR) and AP7<1>(ERD) are the active low write and
read control input signals, respectively. When ESEL is held in "H"
state, the external ROM/RAM can be accessed (P3.6/P3.7 are
weakly pulled high by internal pull-high resistors), P0.7
−P0.0 are
floating, and P2.7
−P2.0 are in high impedance state optionally
dependent on the content of register MP2.


Similar Part No. - W78C32

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C32B WINBOND-W78C32B Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-16 WINBOND-W78C32B-16 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-24 WINBOND-W78C32B-24 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-33 WINBOND-W78C32B-33 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-40 WINBOND-W78C32B-40 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C32

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com