Electronic Components Datasheet Search |
|
UPD78046HGF-XXX-3B9 Datasheet(PDF) 2 Page - NEC |
|
UPD78046HGF-XXX-3B9 Datasheet(HTML) 2 Page - NEC |
2 / 58 page 2 µPD78044H, 78045H, 78046H 78K/0 SERIES PRODUCT DEVELOPMENT The 78K/0 series products were developed as shown below. The sub-series names are indicated in frames. 100-pin 80-pin 80-pin 64-pin 64-pin 64-pin 42-/44-pin PD78078 PD78078Y PD78070A PD78070AY PD78054 PD78054Y PD78018F PD78018FY PD78014 PD78014Y PD780001 PD780208 PD78044F PD78024 100-pin 80-pin 80-pin 64-pin 100-pin 100-pin 100-pin A timer has been added to the PD78054 to enhance external interface functions. The I/O and FIP C/D of the PD78044F have been enhanced. Total indication output pins: 53 N-ch open-drain I/O ports have been added to the PD78044F. Total indication output pins: 34 The SIO of the PD78064 has been enhanced. ROM and RAM have been expanded. Basic sub-series for FIP driving. Total indication output pins: 26 Sub-series for LCD driving. These products include an UART. EMI noise-reduced version of the PD78064 PD780308 PD78098 PD780308Y Products being mass-produced Products under development Y sub-series products are compatible with the I2C bus. Used for control 78K/0 series For FIP driving For LCD driving Compatible with IEBus TM PD78002 PD78083 100-pin 100-pin 64-pin 80-pin ROM-less versions of the PD78078 The serial I/O of the PD78078 has been enhanced. The functions have been limited. EMI noise-reduced version of the PD78054 An UART and D/A converter have been added to the PD78014 to enhance I/O. Low-voltage (1.8 V) versions of the PD78014. ROM and RAM variations have been enhanced. An A/D converter and 16-bit timer have been added to the PD78002. An A/D converter has been added to the PD78002. Basic sub-series for control These products include an UART and can operate at a low voltage (1.8 V). A 6-bit U/D counter has been added to the PD78024. Total indication output pins: 34 PD78002Y µ µ PD780018Y µ µ µ µ µ µ µ PD780018 µ PD78058F PD78058FY µ µ µ µ µ µ µ µ µ PD78044H µ µ µ µ PD78064B µ µ PD78064 PD78064Y µµ µ An IEBus controller has been added to the PD78054. A PWM output, LV digital code decoder, and Hsync counter are incorporated. PD78P0914 For LV 64-pin µ µ µ µ µ µ µ µ µ µ µ µ µ µ µ |
Similar Part No. - UPD78046HGF-XXX-3B9 |
|
Similar Description - UPD78046HGF-XXX-3B9 |