Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78C154 Datasheet(PDF) 2 Page - Winbond

Part # W78C154
Description  8-BIT EMULATION MICROCONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C154 Datasheet(HTML) 2 Page - Winbond

  W78C154 Datasheet HTML 1Page - Winbond W78C154 Datasheet HTML 2Page - Winbond W78C154 Datasheet HTML 3Page - Winbond W78C154 Datasheet HTML 4Page - Winbond W78C154 Datasheet HTML 5Page - Winbond W78C154 Datasheet HTML 6Page - Winbond W78C154 Datasheet HTML 7Page - Winbond W78C154 Datasheet HTML 8Page - Winbond W78C154 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
W78958B
- 2 -
FEATURES
8-bit CMOS emulation microcontroller
Real-time emulation at up to 40 MHz
Convenient emulation chip for ICE market
Two types: standard type and advanced type
Standard type supports emulation for the W78C31, W78C32, W78C51, W78C52, W78C154*, and
W78C58
Advanced type supports emulation for the W78C438, and W78C458
In emulation mode, allows direct access to SFRs/PC and internal RAM
Allows ICE makers to access external program/data memory easily
Supports switching signals between "internal" and external ROM
Supports combined emulation program and data memory in a 128 KB SRAM
Provides internal S1 state clock timing signal for easy creation of the emulation control signals
Fully static design
256-byte on-chip scratchpad RAM
64 KB program memory address space in standard type; 1 MB extended program memory address
space in advanced type
64 KB data memory address space in standard type; 1 MB extended data memory address space in
advanced type
Boolean processor
Six-source, two-level interrupt capability in standard type; eight-source, two-level interrupt capability
in advanced type
Three 16-bit timer/counters
One full duplex serial channel
Built-in power management
Four 8-bit bidirectional and bit-addressable I/O ports in standard type; four 8-bit bidirectional and
bit- addressable I/O ports and one 8-bit bidirectional but parallel I/O port in advanced type
Packaged in 100-pin PQFP
− W78958BF-40


Similar Part No. - W78C154

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C032C WINBOND-W78C032C Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C032C NUVOTON-W78C032C Datasheet
352Kb / 18P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C032C40DL WINBOND-W78C032C40DL Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C032C40DL NUVOTON-W78C032C40DL Datasheet
352Kb / 18P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C032C40FL WINBOND-W78C032C40FL Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C154

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com