Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78046H Datasheet(PDF) 4 Page - NEC

Part # UPD78046H
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78046H Datasheet(HTML) 4 Page - NEC

  UPD78046H Datasheet HTML 1Page - NEC UPD78046H Datasheet HTML 2Page - NEC UPD78046H Datasheet HTML 3Page - NEC UPD78046H Datasheet HTML 4Page - NEC UPD78046H Datasheet HTML 5Page - NEC UPD78046H Datasheet HTML 6Page - NEC UPD78046H Datasheet HTML 7Page - NEC UPD78046H Datasheet HTML 8Page - NEC UPD78046H Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
4
µPD78044H, 78045H, 78046H
FUNCTIONAL OUTLINE
Internal
memory
Item
Product name
Instruction
cycle
ROM
Internal high-speed RAM
FIP display RAM
General registers
8 bits
× 32 registers (8 bits × 8 registers × 4 banks)
Variable instruction execution time
For main system clock
0.4
µs/0.8 µs/1.6 µs/3.2 µs/6.4 µs (at 5.0 MHz)
For subsystem clock
122
µs (at 32.768 kHz)
Instruction set
• Multiplication/division (8 bits
× 8 bits, 16 bits ÷ 8 bits)
• Bit (set, reset, test, Boolean algebra)
I/O ports (including those
Total
: 68 lines
multiplexed with FIP pins)
• CMOS input
:
2 lines
• CMOS I/O
: 19 lines
• N-ch open-drain
: 13 lines
• P-ch open-drain I/O
: 16 lines
• P-ch open-drain output
: 18 lines
FIP controller/driver
Total
: 34 lines
• Segments
: 9 to 24 lines
• Digits
: 2 to 16 lines
A/D converter
• 8-bit resolution
× 8 channels
• Power supply voltage: AVDD = 4.0 to 5.5 V
Serial interface
• 3-wire serial I/O mode
: 1 channel
Timer
• 16-bit timer/event counter : 1 channel
• 8-bit timer/event counter : 2 channels
• Watch timer
: 1 channel
• Watchdog timer
: 1 channel
Timer output
3 lines (one for 14-bit PWM output)
Clock output
19.5 kHz, 39.1 kHz, 78.1 kHz, 156 kHz, 313 kHz, 625 kHz
(main system clock: when operating at 5.0 MHz)
32.768 kHz (subsystem clock: when operating at 32.768 kHz)
Buzzer output
1.2 kHz, 2.4 kHz, 4.9 kHz (main system clock: when operating at 5.0 MHz)
Maskable interrupt
Internal 8 lines, external 4 lines
Non-maskable interrupt
Internal 1 line
Software interrupt
1 line
Text input
Internal 1 line
Power supply voltage
VDD = 2.7 to 5.5 V
Package
80-pin plastic QFP (14
× 20 mm)
Vectored
interrupt
µPD78044H
µPD78045H
µPD78046H
32K bytes
1024 bytes
48 bytes
40K bytes
48K bytes


Similar Part No. - UPD78046H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78046H RENESAS-UPD78046H Datasheet
534Kb / 60P
   MOS INTEGRATED CIRCUIT
1996
UPD78046HGF-XXX-3B9 RENESAS-UPD78046HGF-XXX-3B9 Datasheet
534Kb / 60P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD78046H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
   SINGLE CHIP 8 BIT MICROCOMPUTER
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
   8-bit single chip microcomputer
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
   8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
3819 RENESAS-3819_03 Datasheet
2Mb / 218P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88349 EPSON-S1C88349 Datasheet
117Kb / 3P
   8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com