Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA301AIDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA301AIDBVT
Description  Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA301AIDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA301AIDBVT Datasheet HTML 4Page - Texas Instruments OPA301AIDBVT Datasheet HTML 5Page - Texas Instruments OPA301AIDBVT Datasheet HTML 6Page - Texas Instruments OPA301AIDBVT Datasheet HTML 7Page - Texas Instruments OPA301AIDBVT Datasheet HTML 8Page - Texas Instruments OPA301AIDBVT Datasheet HTML 9Page - Texas Instruments OPA301AIDBVT Datasheet HTML 10Page - Texas Instruments OPA301AIDBVT Datasheet HTML 11Page - Texas Instruments OPA301AIDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
OPA300, OPA2300
OPA301, OPA2301
SBOS271B − MAY 2003 − REVISED JUNE 2005
www.ti.com
8
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VS = 5V, and RL = 150Ω connected to VS/2 unless otherwise noted.
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
2.5
3
3.5
4
5
4.5
5.5
12
11
10
9
8
7
6
5
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (MHz)
1
10
100
5
4
3
2
1
0
V
S =5V
V
S =2.7V
R
LOAD =2kΩ
OUTPUT SETTLING TIME TO 0.1%
Time (ns)
0
2040
6080
100
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
−0.6
−0.7
−0.8
−0.9
−1.0
OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
10k
100k
1M
10M
100M
1000
100
10
1
0.1
0.01
G= 2
G= 1
OPEN−LOOP GAIN vs TEMPERATURE
Temperature (
_C)
−40 −20
0
2040
6080
100
120
140
120
110
100
90
80
R
LOAD =2kΩ
R
LOAD = 100Ω
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (mV)
−5 −4
−3 −2
−10
1
3
4
25
20
18
16
14
12
10
8
6
4
2
0


Similar Part No. - OPA301AIDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA301AIDBVT BURR-BROWN-OPA301AIDBVT Datasheet
302Kb / 15P
   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA301AIDBVT TI1-OPA301AIDBVT Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA301AIDBVTG4 TI1-OPA301AIDBVTG4 Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA301AIDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA725 TI1-OPA725 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
AD8021 AD-AD8021_15 Datasheet
663Kb / 29P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com