Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM79M576A-1 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM79M576A-1
Description  Metering Subscriber Line Interface Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79M576A-1 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM79M576A-1 Datasheet HTML 6Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 7Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 8Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 9Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 10Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 11Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 12Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 13Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Am79M576A Data Sheet
SWITCHING WAVEFORMS
Notes:
*
When any power supplies to the MSLIC are removed and the MSLIC is not in the Ringing state, the relay driver must not
activate when the relay coil connected to VCCRING is supplied by the same VCC used for powering the MSLIC.
If the relay coil connected to VCCRING is supplied by a voltage other than the VCC used for powering the MSLIC, you must:
– Provide redundancy of VCC from the supply voltage of the relay
– As an alternative, limit the current flowing to all digital inputs to less than 1 mA.
1. Unless otherwise noted, test conditions are BAT = 48 V (voltage at chip VBAT pin = –47.3 V), VCC = +5 V, VEE = –5 V,
RL = 600 Ω, CHP = 0.22 µF, RDC1 = RDC2 = 18.7 kΩ, CDC = 0.15 µF, Rd = 57.6 kΩ, no fuse resistors, two-wire AC output
impedance programming impedance (ZT) = 306 kΩ resistive, receive input summing impedance (ZRX) = 300 kΩ resistive.
(See Table 2 for component formulas.) Operation in polarity reverse is tested in production.
2. Overload level is defined when THD = 1%.
3. Balance return signal is the signal generated at VTX by VRX. This specification assumes that the two-wire AC load impedance
matches the impedance programmed by ZT.
4. Not tested in production. This parameter is guaranteed by characterization or correlation to other tests.
5. These tests are performed with a longitudinal impedance of 90
Ω and metallic impedance of 300 Ω for frequencies < 12 kHz and
135
Ω for frequencies >12 kHz. These tests are extremely sensitive to circuit board layout. Refer to application notes for details.
6. This parameter is tested at 1 kHz in production. Performance at other frequencies is guaranteed by characterization.
7. When the SLIC is in the anti-sat 2 operating region, this parameter will be degraded. The exact degradation will depend on
system design. The anti-sat 2 region occurs at high loop resistances when |VBAT| – |VAX – VBX| is less than approximately 13 V.
8. “Midpoint” is defined as the connection point between two 300
Ω series resistors connected between A(TIP) and B(RING).
9. Fundamental and harmonics from 256 kHz switch regulator chopper are not included.
10. Calculate loop current limit, which depends upon the programmed apparent open circuit voltage and the feed resistance, is
as follows:
In OHT state: ILIMIT = 0.202 and
In Active state: ILIMIT = 0.68
DET
tgkde
tshde
tgkde
tshde
DET
tshdd
tshd0
tgkd0
tgkdd
E1
E1 to DET
E0 to DET
E0
E1
Note:
All delays measured at 1.4 V level.
50
• V
APPARENT
R
DC
--------------------------------------------


Similar Part No. - AM79M576A-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM79M574 ETC2-AM79M574 Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574-1JC ETC2-AM79M574-1JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574-2JC ETC2-AM79M574-2JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574-JC ETC2-AM79M574-JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574JC ETC2-AM79M574JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
More results

Similar Description - AM79M576A-1

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79M535 AMD-AM79M535 Datasheet
250Kb / 18P
   Metering Subscriber Line Interface Circuit
logo
List of Unclassifed Man...
AM79M574 ETC2-AM79M574 Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com