Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2301AIDGKRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA2301AIDGKRG4
Description  Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2301AIDGKRG4 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2301AIDGKRG4 Datasheet HTML 1Page - Texas Instruments OPA2301AIDGKRG4 Datasheet HTML 2Page - Texas Instruments OPA2301AIDGKRG4 Datasheet HTML 3Page - Texas Instruments OPA2301AIDGKRG4 Datasheet HTML 4Page - Texas Instruments OPA2301AIDGKRG4 Datasheet HTML 5Page - Texas Instruments OPA2301AIDGKRG4 Datasheet HTML 6Page - Texas Instruments OPA2301AIDGKRG4 Datasheet HTML 7Page - Texas Instruments OPA2301AIDGKRG4 Datasheet HTML 8Page - Texas Instruments OPA2301AIDGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
OPA300, OPA2300
OPA301, OPA2301
SBOS271B − MAY 2003 − REVISED JUNE 2005
www.ti.com
2
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
OPA300
SO-8
D
300A
OPA300
SO-8
D
300A
OPA300
SOT23-6
DBV
A52
OPA300
SOT23-6
DBV
A52
OPA301
SO-8
D
301A
OPA301
SO-8
D
301A
OPA301
SOT23-5
DBV
AUP
OPA301
SOT23-5
DBV
AUP
OPA2300
MSOP−10
DGS
C01
OPA2301
SO−8
D
OPA2301A
OPA2301
MSOP−8
DGK
C02
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website
at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
Power Supply V+
7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals(2), Voltage
0.5V to (V+) + 0.5V
. . . . . . . . . . .
Current
±10mA
. . . . . . . . . . . . . . . . . . . . .
Open Short-Circuit Current(3)
Continuous
. . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−55
°C to +125°C
. . . . . . . . . . . . . . .
Storage Temperature Range
−60
°C to +150°C
. . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . . .
ESD Ratings
Human Body Model (HBM)
4kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charged-Device Model (CDM)
500V
. . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) Input terminals are diode clamped to the power-supply rails. Input
signals that can swing more than 0.5V beyond the supply rails
should be current limited to 10mA or less.
(3) Short-circuit to ground; one amplifier per package.
ELECTROSTATIC DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PIN ASSIGNMENTS
Top View
MSOP, SO, SOT
NOTE: (1) Not connected. (2) SOT23-6 pin 1 oriented as shown with reference to package marking.
1
2
3
4
8
7
6
5
Enable
V+
V
OUT
NC(1)
NC(1)
−In
+In
V
OPA300
SO−8
1
2
3
4
8
7
6
5
NC(1)
V+
V
OUT
NC(1)
NC(1)
−In
+In
V
OPA301
SO−8
1
2
3
5
4
V+
−In
Out
V
+In
OPA301
SOT23−5
1
2
3
6
5
4
V+
Enable
−In
Out
V
+In
OPA300
SOT23−6 (2)
1
2
3
4
8
7
6
5
V+
Out B
−In B
+In B
Out A
−In A
+In A
V
A
B
OPA2301
SO−8, MSOP−8
1
2
3
4
5
10
9
8
7
6
V+
Out B
−In B
+In B
Enable B
Out A
−In A
+In A
V
Enable A
A
B
OPA2300
MSOP−10


Similar Part No. - OPA2301AIDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2301AIDGKR TI1-OPA2301AIDGKR Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2301AIDGKRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA725 TI1-OPA725 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
AD8021 AD-AD8021_15 Datasheet
663Kb / 29P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com