Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR16R1628AF0-CM8 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # MR16R1628AF0-CM8
Description  (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MR16R1628AF0-CM8 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button MR16R1628AF0-CM8 Datasheet HTML 2Page - Samsung semiconductor MR16R1628AF0-CM8 Datasheet HTML 3Page - Samsung semiconductor MR16R1628AF0-CM8 Datasheet HTML 4Page - Samsung semiconductor MR16R1628AF0-CM8 Datasheet HTML 5Page - Samsung semiconductor MR16R1628AF0-CM8 Datasheet HTML 6Page - Samsung semiconductor MR16R1628AF0-CM8 Datasheet HTML 7Page - Samsung semiconductor MR16R1628AF0-CM8 Datasheet HTML 8Page - Samsung semiconductor MR16R1628AF0-CM8 Datasheet HTML 9Page - Samsung semiconductor MR16R1628AF0-CM8 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Page 5
Version 1.4 July 2002
MR16R1622(4/8/G)AF0
MR18R1622(4/8/G)AF0(1)
SIO0
SIO1
SCK
CMD
Vref
Direct RDRAM (256/288Mb)
U1
Vdd
Gnd
2 per
RDRAM device
SCL
SDA
A0 A1
SCL
SA0
SA1
SDA
Serial Presence Detect
Note 1. RambusChannel signals form a loop through
the RIMM module, with the exception of the SIO chain.
SIO0
SIO1
SCK
CMD
Vref
RDRAM Device(256/288Mb)
SIO0
SIO1
SCK
CMD
Vref
RDRAM Device(256/288Mb)
SIO0
SIO1
SCK
CMD
Vref
RDRAM Device(256/288Mb)
VREF
Gnd
1 per
2 RDRAM devices
VCMOS
Gnd
1 per
2 RDRAM devices
A2
SA2
WP
SWP
U0
Vcc
SVDD
0.22/0.1
µFa
0.22/0.1
µFa
0.22/0.1
µFa
Plus one
Near Connector
47K
U2
U3
UN
Note 2. See Serial Presence Detection Specification for
information on the SPD device and its contents.
Module
Capacity
N
512/576MB
16
256/288MB
8
128/144MB
4
64/72MB
2
a .
∗ 0.1 µF : 800MHz products
for 64/72MB, 128/144MB and
256/288MB
∗ 0.22 µF : the other products
SVDD
Gnd
0.22/0.1
µFa
Figure 2: RIMM Module Functional Diagram


Similar Part No. - MR16R1628AF0-CM8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR16R1628EG0-CK8 SAMSUNG-MR16R1628EG0-CK8 Datasheet
442Kb / 16P
   Key Timing Parameters
MR16R1628EG0-CM8 SAMSUNG-MR16R1628EG0-CM8 Datasheet
442Kb / 16P
   Key Timing Parameters
MR16R1628EG0-CT9 SAMSUNG-MR16R1628EG0-CT9 Datasheet
442Kb / 16P
   Key Timing Parameters
More results

Similar Description - MR16R1628AF0-CM8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR18R326GAG0 SAMSUNG-MR18R326GAG0 Datasheet
259Kb / 14P
   (32Mx18) 16pcs RIMM Module based on 576Mb A-die, 32s banks,32K/32ms Ref, 2.5V
M390S2858ETU SAMSUNG-M390S2858ETU Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
logo
Elpida Memory
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
logo
Samsung semiconductor
M393T3253FG SAMSUNG-M393T3253FG Datasheet
387Kb / 18P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 256Mb F-die 72-bit ECC
logo
Elpida Memory
EBR25EC8ABSA ELPIDA-EBR25EC8ABSA Datasheet
108Kb / 11P
   256MB Direct Rambus DRAM SO-RIMM Module
logo
Samsung semiconductor
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
logo
Elpida Memory
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com